Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130149-0011 Datasheet (PDF) - Molex Electronics Ltd.

130149-0011 Datasheet PDF - Molex Electronics Ltd.
Part # 130149-0011
Download  130149-0011 Download

File Size   49.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V

130149-0011 Datasheet (PDF)

Go To PDF Page Download Datasheet
130149-0011 Datasheet PDF - Molex Electronics Ltd.

Part # 130149-0011
Download  130149-0011 Click to download

File Size   49.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V

130149-0011 Datasheet (HTML) - Molex Electronics Ltd.

130149-0011 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 130149-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0012 MOLEX11-130149-0012 Datasheet
43Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0013 MOLEX11-130149-0013 Datasheet
48Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 6-20, 250V
130149-0015 MOLEX11-130149-0015 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130149-0018 MOLEX11-130149-0018 Datasheet
53Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
More results


Similar Description - 130149-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490011 MOLEX11-1301490011 Datasheet
42Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V
130149-0007 MOLEX11-130149-0007 Datasheet
46Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490007 MOLEX11-1301490007 Datasheet
39Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
130149-0012 MOLEX11-130149-0012 Datasheet
43Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
1301490094 MOLEX11-1301490094 Datasheet
34Kb / 1P
   Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0008 MOLEX11-130149-0008 Datasheet
42Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
1301490008 MOLEX11-1301490008 Datasheet
35Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0094 MOLEX11-130149-0094 Datasheet
41Kb / 1P
   Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
130144-0053 MOLEX11-130144-0053 Datasheet
60Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V
130144-0057 MOLEX11-130144-0057 Datasheet
45Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 5-20, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com