Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130149-0019 Datasheet (PDF) - Molex Electronics Ltd.

130149-0019 Datasheet PDF - Molex Electronics Ltd.
Part # 130149-0019
Download  130149-0019 Download

File Size   42.3 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA

130149-0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
130149-0019 Datasheet PDF - Molex Electronics Ltd.

Part # 130149-0019
Download  130149-0019 Click to download

File Size   42.3 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA

130149-0019 Datasheet (HTML) - Molex Electronics Ltd.

130149-0019 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 130149-0019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0011 MOLEX11-130149-0011 Datasheet
49Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V
130149-0012 MOLEX11-130149-0012 Datasheet
43Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0013 MOLEX11-130149-0013 Datasheet
48Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 6-20, 250V
130149-0015 MOLEX11-130149-0015 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
More results


Similar Description - 130149-0019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490019 MOLEX11-1301490019 Datasheet
34Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA
130149-0036 MOLEX11-130149-0036 Datasheet
44Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
1301490036 MOLEX11-1301490036 Datasheet
36Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
130149-0059 MOLEX11-130149-0059 Datasheet
41Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0061 MOLEX11-130149-0061 Datasheet
41Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire
1301490044 MOLEX11-1301490044 Datasheet
33Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L16-20, 3 480V
130149-0044 MOLEX11-130149-0044 Datasheet
41Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L16-20, 3 480V
1301490061 MOLEX11-1301490061 Datasheet
34Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L16-30, 3 480V
130145-0045 MOLEX11-130145-0045 Datasheet
51Kb / 1P
   Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
130145-0068 MOLEX11-130145-0068 Datasheet
50Kb / 1P
   Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com