Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSM3015-HR Datasheet (PDF) - Marktech Corporate

MTSM3015-HR Datasheet PDF - Marktech Corporate
Part # MTSM3015-HR
Download  MTSM3015-HR Download

File Size   41.64 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech SOT??3 SMT LEDs

MTSM3015-HR Datasheet (PDF)

Go To PDF Page Download Datasheet
MTSM3015-HR Datasheet PDF - Marktech Corporate

Part # MTSM3015-HR
Download  MTSM3015-HR Click to download

File Size   41.64 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech SOT??3 SMT LEDs

MTSM3015-HR Datasheet (HTML) - Marktech Corporate

MTSM3015-HR Datasheet HTML 1Page - Marktech Corporate

MTSM3015-HR Product details

FEATURES
• SOT-23 package
• Water clear
• Capable of pulse operation
• Packaged on tape with 3,000 parts per reel




Similar Part No. - MTSM3015-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM310UV-F1120 MARKTECH-MTSM310UV-F1120 Datasheet
5Mb / 8P
   Deep ultraviolet LED
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
MTSM3302AZ-UY MARKTECH-MTSM3302AZ-UY Datasheet
414Kb / 1P
   Z?묪end SMT LED
MTSM335K-Y MARKTECH-MTSM335K-Y Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MTSM340UV-F5120 MARKTECH-MTSM340UV-F5120 Datasheet
3Mb / 6P
   Peak Wavelength Measurement tolerance : 짹3nm
More results


Similar Description - MTSM3015-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
   Marktech 0805 SMT LEDs
MTSM135K-RG MARKTECH-MTSM135K-RG Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
   Marktech 1206 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
   Marktech 0603 SMT LEDs
MTSM2142A-UR MARKTECH-MTSM2142A-UR Datasheet
32Kb / 2P
   Marktech Domed Lens SMT LEDs
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
MTSM635KM-URUG MARKTECH-MTSM635KM-URUG Datasheet
32Kb / 1P
   Marktech 1210 Bi?묬olor SMT LEDs
MT6203-HRG MARKTECH-MT6203-HRG Datasheet
68Kb / 1P
   Marktech 3 Leaded 3mm Bi?묬olor LEDs
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com