Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1111 Datasheet (PDF) - Maxim Integrated Products

MAX1111 Datasheet PDF - Maxim Integrated Products
Part # MAX1111
Download  MAX1111 Download

File Size   284.77 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs

MAX1111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1111 Datasheet PDF - Maxim Integrated Products

Part # MAX1111
Download  MAX1111 Click to download

File Size   284.77 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs

MAX1111 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1111 Datasheet HTML 1Page - Maxim Integrated Products MAX1111 Datasheet HTML 2Page - Maxim Integrated Products MAX1111 Datasheet HTML 3Page - Maxim Integrated Products MAX1111 Datasheet HTML 4Page - Maxim Integrated Products MAX1111 Datasheet HTML 5Page - Maxim Integrated Products MAX1111 Datasheet HTML 6Page - Maxim Integrated Products MAX1111 Datasheet HTML 7Page - Maxim Integrated Products MAX1111 Datasheet HTML 8Page - Maxim Integrated Products MAX1111 Datasheet HTML 9Page - Maxim Integrated Products MAX1111 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1111 Product details

General Description
The MAX1110/MAX1111 are low-power, 8-bit, 8-channel analog-to-digital converters (ADCs) that feature an internal track/hold, voltage reference, clock, and serial interface. They operate from a single +2.7V to +5.5V supply and consume only 85µA while sampling at rates up to 50ksps. The MAX1110’s 8 analog inputs and the MAX1111’s 4 analog inputs are software-configurable, allowing unipolar/bipolar and single-ended/differential operation.

Features
♦ +2.7V to +5.5V Single Supply
♦ Low Power: 85µA at 50ksps 6µA at 1ksps
♦ 8-Channel Single-Ended or 4-Channel Differential Inputs (MAX1110)
♦ 4-Channel Single-Ended or 2-Channel Differential Inputs (MAX1111)
♦ Internal Track/Hold; 50kHz Sampling Rate
♦ Internal 2.048V Reference
♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ Total Unadjusted Error: ±1LSB max ±0.3LSB typ

Applications
    Portable Data Logging
    Hand-Held Measurement Devices
    Medical Instruments
    System Diagnostics
    Solar-Powered Remote Systems
    4–20mA-Powered Remote Data-Acquisition Systems




Similar Part No. - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111 MAXIM-MAX1111 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Similar Description - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com