Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1259 Datasheet (PDF) - Maxim Integrated Products

MAX1259 Datasheet PDF - Maxim Integrated Products
Part # MAX1259
Download  MAX1259 Download

File Size   220.73 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1259 Battery Manager

MAX1259 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1259 Datasheet PDF - Maxim Integrated Products

Part # MAX1259
Download  MAX1259 Click to download

File Size   220.73 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1259 Battery Manager

MAX1259 Datasheet (HTML) - Maxim Integrated Products

MAX1259 Datasheet HTML 1Page - Maxim Integrated Products MAX1259 Datasheet HTML 2Page - Maxim Integrated Products MAX1259 Datasheet HTML 3Page - Maxim Integrated Products MAX1259 Datasheet HTML 4Page - Maxim Integrated Products MAX1259 Datasheet HTML 5Page - Maxim Integrated Products MAX1259 Datasheet HTML 6Page - Maxim Integrated Products MAX1259 Datasheet HTML 7Page - Maxim Integrated Products MAX1259 Datasheet HTML 8Page - Maxim Integrated Products

MAX1259 Product details

General Description
The MAX1259 battery manager provides backup-battery switching for CMOS RAM, microprocessors, or other lowpower logic ICs. It automatically switches to the backup battery when the primary power supply is interrupted. Low-loss switches guarantee an input-to-output differential of only 200mV while supplying 250mA from the primary power supply or 15mA from the battery.

Features
● Switches to Backup Battery if Power Fails
● Consumes Less than 100nA of Battery Current
● Power-Fail Output Signals Primary Power-Supply Loss
● Battery Monitor Indicates Low Battery
● Battery Can Be Disconnected to Prevent Discharge During Shipping
● Battery Automatically Reconnected when VCC is Applied
● Pin-Compatible with the DS1259
● Supply Current Three Times Lower than DS1259
● Available in Extended-Industrial and Military Temperature Ranges

Applications
● Battery Backup for CMOS RAM
● Uninterruptible Power Supplies
● Computers
● Controllers




Similar Part No. - MAX1259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
1,004Kb / 8P
   Battery Manager
2014
MAX1259C/D MAXIM-MAX1259C/D Datasheet
1,004Kb / 8P
   Battery Manager
2014
MAX1259CPE MAXIM-MAX1259CPE Datasheet
1,004Kb / 8P
   Battery Manager
2014
MAX1259CWE MAXIM-MAX1259CWE Datasheet
1,004Kb / 8P
   Battery Manager
2014
MAX1259EPE MAXIM-MAX1259EPE Datasheet
1,004Kb / 8P
   Battery Manager
2014
More results


Similar Description - MAX1259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
   Lithium titanate battery, lithium battery charge manager
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com