Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1522 Datasheet (PDF) - Maxim Integrated Products

MAX1522 Datasheet PDF - Maxim Integrated Products
Part # MAX1522
Download  MAX1522 Download

File Size   194.19 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Simple SOT23 Boost Controllers

MAX1522 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1522 Datasheet PDF - Maxim Integrated Products

Part # MAX1522
Download  MAX1522 Click to download

File Size   194.19 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Simple SOT23 Boost Controllers

MAX1522 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1522 Datasheet HTML 1Page - Maxim Integrated Products MAX1522 Datasheet HTML 2Page - Maxim Integrated Products MAX1522 Datasheet HTML 3Page - Maxim Integrated Products MAX1522 Datasheet HTML 4Page - Maxim Integrated Products MAX1522 Datasheet HTML 5Page - Maxim Integrated Products MAX1522 Datasheet HTML 6Page - Maxim Integrated Products MAX1522 Datasheet HTML 7Page - Maxim Integrated Products MAX1522 Datasheet HTML 8Page - Maxim Integrated Products MAX1522 Datasheet HTML 9Page - Maxim Integrated Products MAX1522 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1522 Product details

General Description
The MAX1522/MAX1523/MAX1524 are simple, compact boost controllers designed for a wide range of DC-DC conversion topologies, including step-up, SEPIC, and flyback applications. They are for applications where extremely low cost and small size are top priorities. These devices are designed specifically to provide a simple application circuit and minimize the size and number of external components, making them ideal for PDAs, digital cameras, and other low-cost consumer electronics applications.

Features
♦ Simple, Flexible Application Circuit
♦ 2-Cell NiMH or Alkaline Operation (MAX1524)
♦ Low Quiescent Current (25µA typ)
♦ Output Fault Protection and Soft-Start
♦ High Efficiency Over 1000:1 IOUT Range
♦ Pin-Selectable Maximum Duty Factor
♦ Micropower Shutdown Mode
♦ Small 6-Pin SOT23 Package
♦ No Current-Sense Resistor

Applications
   Low-Cost, High-Current, or High-Voltage Boost Conversion
   LCD Bias Supplies
   Industrial +24V and +28V Power Supplies
   Low-Cost, Multi-Output Flyback Converters
   SEPIC Converters
   Low-Cost BatteryPowered Applications




Similar Part No. - MAX1522

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522EUT+T MAXIM-MAX1522EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EUT-T MAXIM-MAX1522EUT-T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EVKIT MAXIM-MAX1522EVKIT Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
More results


Similar Description - MAX1522

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
   Simple PWM Boost Converter In Small SOT23-6 Package
logo
Maxim Integrated Produc...
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com