Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1626 Datasheet (PDF) - Maxim Integrated Products

MAX1626 Datasheet PDF - Maxim Integrated Products
Part # MAX1626
Download  MAX1626 Download

File Size   185.97 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers

MAX1626 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1626 Datasheet PDF - Maxim Integrated Products

Part # MAX1626
Download  MAX1626 Click to download

File Size   185.97 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers

MAX1626 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1626 Datasheet HTML 1Page - Maxim Integrated Products MAX1626 Datasheet HTML 2Page - Maxim Integrated Products MAX1626 Datasheet HTML 3Page - Maxim Integrated Products MAX1626 Datasheet HTML 4Page - Maxim Integrated Products MAX1626 Datasheet HTML 5Page - Maxim Integrated Products MAX1626 Datasheet HTML 6Page - Maxim Integrated Products MAX1626 Datasheet HTML 7Page - Maxim Integrated Products MAX1626 Datasheet HTML 8Page - Maxim Integrated Products MAX1626 Datasheet HTML 9Page - Maxim Integrated Products MAX1626 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1626 Product details

General Description
The MAX1626/MAX1627 step-down DC-DC controllers operate over a 2.6V to 16.5V input voltage range. The controllers deliver load current from 1mA to more than 2A. The MAX1626 has pin-selectable 3.3V and 5V outputs. The MAX1627 supports adjustable outputs from 1.3V to 16V.

Benefits and Features
• Reduce External Components and Total Cost
   • 300KHz PWM Switching Reduces Component Size
   • Tiny Surface-Mount Inductor
• Reduce Power Dissipation
   • > 90% Efficiency from 3mA to 2A Loads
   • Low Dropout Voltage
   • 100% Maximum Duty Cycle
• Reduce Number of DC-DC Controllers to Stock
   • Wide 2.6V to 16.5V Input Voltage Options
   • Selectable 3.3V and 5V or Adjustable 1.3V to 16V
      Output Voltage Options
• Reduce System Power Consumption
   • 90µA Max Quiescent Current
   • 1µA Max Shutdown Current
• Operates Reliably in Adverse Environment
   • Soft-Start Limits Startup Current
   • Current-Limited Control Scheme
• Increase Design Flexibility
   • External P-Channel MOSFET Allows Output Power
      of > 12.5W

Applications
• 5V to 3.3V Green PC Applications
• Battery-Powered Applications
• Handheld Computers
• High-Efficiency Step-Down Regulation
• Low-Cost Notebook Computer Supplies
• Minimum Component DC-DC Converters
• PCMCIA Power Supplies
• PDAs and Other Handheld Devices
• Portable Terminals




Similar Part No. - MAX1626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626C/D MAXIM-MAX1626C/D Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1626ESA MAXIM-MAX1626ESA Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results


Similar Description - MAX1626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com