Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1658 Datasheet (PDF) - Maxim Integrated Products

MAX1658 Datasheet PDF - Maxim Integrated Products
Part # MAX1658
Download  MAX1658 Download

File Size   111.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350mA, 16.5V Input, Low-Dropout Linear Regulators

MAX1658 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1658 Datasheet PDF - Maxim Integrated Products

Part # MAX1658
Download  MAX1658 Click to download

File Size   111.47 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 350mA, 16.5V Input, Low-Dropout Linear Regulators

MAX1658 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1658 Datasheet HTML 1Page - Maxim Integrated Products MAX1658 Datasheet HTML 2Page - Maxim Integrated Products MAX1658 Datasheet HTML 3Page - Maxim Integrated Products MAX1658 Datasheet HTML 4Page - Maxim Integrated Products MAX1658 Datasheet HTML 5Page - Maxim Integrated Products MAX1658 Datasheet HTML 6Page - Maxim Integrated Products MAX1658 Datasheet HTML 7Page - Maxim Integrated Products MAX1658 Datasheet HTML 8Page - Maxim Integrated Products MAX1658 Datasheet HTML 9Page - Maxim Integrated Products MAX1658 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1658 Product details

General Description
The MAX1658/MAX1659 linear regulators maximize battery life by combining ultra-low supply currents and low-dropout voltages. They feature Dual Mode™ operation, which presets the output to 3.3V (MAX1658) or 5V (MAX1659), or permits it to be adjusted between 1.25V and 16V. The regulator supplies up to 350mA, with a typical dropout of 650mV for the MAX1658 and 490mV for the MAX1659. With their p-channel MOSFET pass transistor, these devices maintain a low quiescent current from zero output current to the full 350mA, even in dropout. They support input voltages ranging from 2.7V to 16.5V.

Features
● Wide Input Voltage Range: 2.7V to 16.5V
● Low, 490mV Dropout at 350mA Output Current
   (MAX1659)
● 30μA Supply Current
● 1μA Max Shutdown Current
● High-Power (1.2W) 8-Pin SO Package
● Dual Mode Operation Output:
   • Fixed 3.3V (MAX1658)
   • Fixed 5.0V (MAX1659)
      or Adjustable (1.25V to 16V)
● Thermal-Overload Protection
● Current-Limit Protection
● Reverse-Battery Protection

Applications
● Digital Cordless Phones
● PCS Phones
● Cellular Phones
● PCMCIA Cards
● Modems
● Hand-Held Instruments
● Palmtop Computers
● Electronic Planners




Similar Part No. - MAX1658

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658C/D MAXIM-MAX1658C/D Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658C/D MAXIM-MAX1658C/D Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658ESA++ MAXIM-MAX1658ESA+ Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results


Similar Description - MAX1658

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com