Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1677 Datasheet (PDF) - Maxim Integrated Products

MAX1677 Datasheet PDF - Maxim Integrated Products
Part # MAX1677
Download  MAX1677 Download

File Size   201.47 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter

MAX1677 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1677 Datasheet PDF - Maxim Integrated Products

Part # MAX1677
Download  MAX1677 Click to download

File Size   201.47 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter

MAX1677 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1677 Datasheet HTML 1Page - Maxim Integrated Products MAX1677 Datasheet HTML 2Page - Maxim Integrated Products MAX1677 Datasheet HTML 3Page - Maxim Integrated Products MAX1677 Datasheet HTML 4Page - Maxim Integrated Products MAX1677 Datasheet HTML 5Page - Maxim Integrated Products MAX1677 Datasheet HTML 6Page - Maxim Integrated Products MAX1677 Datasheet HTML 7Page - Maxim Integrated Products MAX1677 Datasheet HTML 8Page - Maxim Integrated Products MAX1677 Datasheet HTML 9Page - Maxim Integrated Products MAX1677 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1677 Product details

General Description
The MAX1677 is a compact, high-efficiency, dual-output boost converter for portable devices needing two regulated supplies, typically for logic and liquid crystal displays (LCDs). Operation with inputs as low as 0.7V allows the MAX1677 to accept 1, 2, or 3-cell alkaline, NiCd, or NiMH batteries as well as 1-cell lithium-ion batteries. The device requires no external FETs and can maintain regulation while consuming only 20µA, making it ideal for hand-held pen-input and PDA devices operating with low-current “sleep” states.

Features
♦ No External FETs Required
♦ Main Output
    Up to 350mA for Logic Supply
    Fixed 3.3V or Adjustable (2.5V to 5.5V)
    Synchronous Rectification for High Efficiency (up to 95%)
    300kHz (200kHz to 400kHz Synchronizable) Fixed-Frequency PWM Operation
♦ Secondary Output
    Up to +28V or -28V for LCD Bias
    Programmable Current Limit
♦ 0.7V to 5.5V Input Voltage Range
♦ 20µA Quiescent Current
♦ 1µA Shutdown Current
♦ Low-Battery Comparator
♦ Small 16-Pin QSOP Package

Applications
    PDAs
    Portable Phones
    Hand-Held Terminals
    Portable Instruments




Similar Part No. - MAX1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1677 MAXIM-MAX1677 Datasheet
314Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
MAX1677EEE MAXIM-MAX1677EEE Datasheet
314Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
MAX1677 MAXIM-MAX1677_V01 Datasheet
314Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
More results


Similar Description - MAX1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1677 MAXIM-MAX1677_V01 Datasheet
314Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
MAX1817 MAXIM-MAX1817 Datasheet
403Kb / 12P
   Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
19-1794 Rev 0; 10/00
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com