Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1676 Datasheet (PDF) - Maxim Integrated Products

MAX1676 Datasheet PDF - Maxim Integrated Products
Part # MAX1676
Download  MAX1676 Download

File Size   521.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters

MAX1676 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1676 Datasheet PDF - Maxim Integrated Products

Part # MAX1676
Download  MAX1676 Click to download

File Size   521.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters

MAX1676 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1676 Datasheet HTML 1Page - Maxim Integrated Products MAX1676 Datasheet HTML 2Page - Maxim Integrated Products MAX1676 Datasheet HTML 3Page - Maxim Integrated Products MAX1676 Datasheet HTML 4Page - Maxim Integrated Products MAX1676 Datasheet HTML 5Page - Maxim Integrated Products MAX1676 Datasheet HTML 6Page - Maxim Integrated Products MAX1676 Datasheet HTML 7Page - Maxim Integrated Products MAX1676 Datasheet HTML 8Page - Maxim Integrated Products MAX1676 Datasheet HTML 9Page - Maxim Integrated Products MAX1676 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1676 Product details

General Description
The MAX1674/MAX1675/MAX1676 compact, high-efficiency, step-up DC-DC converters fit in small µMAX packages. They feature a built-in synchronous rectifier, which improves efficiency and reduces size and cost by eliminating the need for an external Schottky diode. Quiescent supply current is only 16µA.
The input voltage ranges from 0.7V to VOUT, where VOUT can be set from 2V to 5.5V. Start-up is guaranteed from 1.1V inputs. The MAX1674/MAX1675/MAX1676 have a preset, pin-selectable output for 5V or 3.3V. The outputs can also be adjusted to other voltages using two external resistors.
All three devices have a 0.3Ω N-channel MOSFET power switch. The MAX1674 has a 1A current limit. The MAX1675 has a 0.5A current limit, which permits the use of a smaller inductor. The MAX1676 comes in a 10-pin µMAX package and features an adjustable current limit and circuitry to reduce inductor ringing.

Features
♦ 94% Efficient at 200mA Output Current
♦ 16µA Quiescent Supply Current
♦ Internal Synchronous Rectifier (no external diode)
♦ 0.1µA Logic-Controlled Shutdown
♦ LBI/LBO Low-Battery Detector
♦ Selectable Current Limit for Reduced Ripple
♦ Low-Noise, Anti-Ringing Feature (MAX1676)
♦ 8-Pin and 10-Pin µMAX Packages
♦ Preassembled Evaluation Kit (MAX1676EVKIT)

Applications
   Pagers
   Wireless Phones
   Medical Devices
   Hand-Held Computers
   PDAs
   RF Tags
   1 to 3-Cell Hand-Held Devices




Similar Part No. - MAX1676

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1676 MAXIM-MAX1676 Datasheet
62Kb / 4P
   step-up DC-DC converter for portable hand-held devices Evaluation Kit
Rev 0; 7/98
MAX1676EVKIT MAXIM-MAX1676EVKIT Datasheet
62Kb / 4P
   step-up DC-DC converter for portable hand-held devices Evaluation Kit
Rev 0; 7/98
More results


Similar Description - MAX1676

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com