Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1830 Datasheet (PDF) - Maxim Integrated Products

MAX1830 Datasheet PDF - Maxim Integrated Products
Part # MAX1830
Download  MAX1830 Download

File Size   278.76 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches

MAX1830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1830 Datasheet PDF - Maxim Integrated Products

Part # MAX1830
Download  MAX1830 Click to download

File Size   278.76 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches

MAX1830 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1830 Datasheet HTML 1Page - Maxim Integrated Products MAX1830 Datasheet HTML 2Page - Maxim Integrated Products MAX1830 Datasheet HTML 3Page - Maxim Integrated Products MAX1830 Datasheet HTML 4Page - Maxim Integrated Products MAX1830 Datasheet HTML 5Page - Maxim Integrated Products MAX1830 Datasheet HTML 6Page - Maxim Integrated Products MAX1830 Datasheet HTML 7Page - Maxim Integrated Products MAX1830 Datasheet HTML 8Page - Maxim Integrated Products MAX1830 Datasheet HTML 9Page - Maxim Integrated Products MAX1830 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1830 Product details

General Description
The MAX1830/MAX1831 constant-off-time, pulse-width-modulated (PWM) step-down DC-DC converters are ideal for use in 5V and 3.3V to low-voltage conversion necessary in notebook and subnotebook computers. These devices feature internal synchronous rectification for high efficiency and reduced component count. They require no external Schottky diode. The internal 45mΩ PMOS power switch and 55mΩ NMOS synchronous-rectifier switch easily deliver continuous load currents up to 3A. The MAX1830 produces preset +2.5V, +1.8V, or +1.5V output voltage or an adjustable output from +1.1V to VIN. The MAX1831 produces preset +3.3V, +2.5V, and +1.5V output voltages and an adjustable output from +1.1V to VIN. They achieve efficiencies as high as 94%.
The MAX1830/MAX1831 use a unique current-mode, constant-off-time, PWM control scheme, which includes Idle Mode™ to maintain high efficiency during light load operation. The programmable constant-off-time architecture sets switching frequencies up to 1MHz, allowing the user to optimize performance trade offs between efficiency, output switching noise, component size, and cost. Both devices are designed for continuous output currents up to 3A, an internal digital soft-start to limit surge currents during startup, a 100% duty cycle mode for low-dropout operation, and a low-power shutdown mode that disconnects the input from the output and reduces supply current below 1µA.The MAX1830/MAX1831 are available in 16-pin QSOP packages.
For similar devices that provide continuous output currents of 1A to 3A, refer to the MAX1644, MAX1623, and MAX1742/MAX1842/MAX1843 data sheets.

Features
♦ ±1.5% Output Accuracy
♦ 94% Efficiency
♦ Internal PMOS/NMOS Switches
   45mΩ/55mΩ On-Resistance at VIN = +4.5V
   50mΩ/55mΩ On-Resistance at VIN = +3V
♦ Output Voltages
   +3.3V, +2.5V, or +1.5V Pin Selectable (MAX1831)
   +2.5V, +1.8V, or +1.5V Pin Selectable (MAX1830)
   +1.1V to VIN Adjustable (Both Devices)
♦ +3V to +5.5V Input Voltage Range
♦ 750µA (max) Operating Supply Current
♦ <1µA Shutdown Supply Current
♦ Programmable Constant-Off-Time Operation
♦ Up to 1MHz Switching Frequency
♦ Idle Mode Operation at Light Loads
♦ Thermal Shutdown
♦ Internal Digital Soft-Start Inrush Current Limiting
♦ 100% Duty Cycle During Low-Dropout Operation
♦ Output Short-Circuit Protection
♦ 16-Pin QSOP Package

Applications
   5V or 3.3V to Low-Voltage Conversion
   CPU I/O Supplies
   Chipset Supplies
   Notebook and Subnotebook Computers




Similar Part No. - MAX1830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX183 MAXIM-MAX183 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX183-MAX185 MAXIM-MAX183-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results


Similar Description - MAX1830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com