Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4111 Datasheet (PDF) - Maxim Integrated Products

MAX4111 Datasheet PDF - Maxim Integrated Products
Part # MAX4111
Download  MAX4111 Download

File Size   100.14 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz Buffered Video Switches/ Crosspoint Building Blocks

MAX4111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4111 Datasheet PDF - Maxim Integrated Products

Part # MAX4111
Download  MAX4111 Click to download

File Size   100.14 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz Buffered Video Switches/ Crosspoint Building Blocks

MAX4111 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX4111 Datasheet HTML 1Page - Maxim Integrated Products MAX4111 Datasheet HTML 2Page - Maxim Integrated Products MAX4111 Datasheet HTML 3Page - Maxim Integrated Products MAX4111 Datasheet HTML 4Page - Maxim Integrated Products MAX4111 Datasheet HTML 5Page - Maxim Integrated Products MAX4111 Datasheet HTML 6Page - Maxim Integrated Products MAX4111 Datasheet HTML 7Page - Maxim Integrated Products MAX4111 Datasheet HTML 8Page - Maxim Integrated Products MAX4111 Datasheet HTML 9Page - Maxim Integrated Products MAX4111 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX4111 Product details

General Description
The MAX4111/MAX4121/MAX4221 wideband video switches are optimized for high-definition, broadcastquality, composite (HDTV, NTSC, PAL, SECAM, and RGB) video switching arrays. Their open-loop buffer amplifiers offer 0.1dB gain flatness to 150MHz. They operate from ±5V supplies and feature differential phase and gain error of only 0.01°/0.01%, respectively. The ultra-low switching glitch (13mV) is positive to avoid confusion with any sync pulse.

Features
♦ -3dB Bandwidth of 330MHz
♦ 0.1dB Gain Flatness of 150MHz
♦ 700V/µs Slew Rate
♦ 0.01°/0.01% Differential Phase/Gain
♦ Low Power: 5.5mA Max
♦ -92dB Crosstalk and -78dB Off Isolation at 30MHz
♦ High-Z Outputs when Disabled
♦ 3pF Input Capacitance
♦ Ultra-Low Switching Glitch
♦ On-Board Control Logic

Applications
    Video-Router and Crosspoint Arrays
    Broadcast/HDTV-Quality Color Signal Multiplexing
    RF and IF Routing
    Graphics Color-Signal Routing
    Telecom Routing
    Data Acquisition




Similar Part No. - MAX4111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112ESA MAXIM-MAX4112ESA Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112EUA MAXIM-MAX4112EUA Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4113 MAXIM-MAX4113 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
More results


Similar Description - MAX4111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com