Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5712 Datasheet (PDF) - Maxim Integrated Products

MAX5712 Datasheet PDF - Maxim Integrated Products
Part # MAX5712
Download  MAX5712 Download

File Size   428.82 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23

MAX5712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5712 Datasheet PDF - Maxim Integrated Products

Part # MAX5712
Download  MAX5712 Click to download

File Size   428.82 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23

MAX5712 Datasheet (HTML) - Maxim Integrated Products

MAX5712 Datasheet HTML 1Page - Maxim Integrated Products MAX5712 Datasheet HTML 2Page - Maxim Integrated Products MAX5712 Datasheet HTML 3Page - Maxim Integrated Products MAX5712 Datasheet HTML 4Page - Maxim Integrated Products MAX5712 Datasheet HTML 5Page - Maxim Integrated Products MAX5712 Datasheet HTML 6Page - Maxim Integrated Products MAX5712 Datasheet HTML 7Page - Maxim Integrated Products MAX5712 Datasheet HTML 8Page - Maxim Integrated Products MAX5712 Datasheet HTML 9Page - Maxim Integrated Products

MAX5712 Product details

General Description
The MAX5712 is a small footprint, low-power, 12-bit digital-to-analog converter (DAC) that operates from a single +2.7V to +5.5V supply. The MAX5712 on-chip precision output amplifier provides rail-to-rail output swing. Drawing only 85μA supply current at +3V, the MAX5712 is ideally suited for portable battery-operated equipment.

Features
● Wide -40°C to +125°C Operating Temperature Range
● Low 85μA Supply Current
● Ultra Low 0.3μA Power-Down Supply Current
● Single +2.7V to +5.5V Supply Voltage
● Fast 20MHz 3-Wire SPI/QSPI/MICROWIRE and DSP-Compatible Serial Interface
● Schmitt-Triggered Inputs for Direct Interfacing to Optocouplers
● Rail-to-Rail Output Buffer
● Tiny 6-Pin SOT23 Package
● Power-On Reset to 0V
● Three Software-Selectable Power-Down Output Impedances (100kΩ, 1kΩ, Hi-Z)

Applications
● Automatic Tuning
● Gain and Offset Adjustment
● Power Amplifier Control
● Process Control I/O Boards
● Battery-Powered Equipment
● VCO Control




Similar Part No. - MAX5712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5711 MAXIM-MAX5711 Datasheet
760Kb / 9P
   10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 0; 10/01
MAX5711AUT MAXIM-MAX5711AUT Datasheet
760Kb / 9P
   10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 0; 10/01
MAX5711EUT MAXIM-MAX5711EUT Datasheet
760Kb / 9P
   10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 0; 10/01
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713AUD+T MAXIM-MAX5713AUD+T Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
More results


Similar Description - MAX5712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5711 MAXIM-MAX5711 Datasheet
760Kb / 9P
   10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 0; 10/01
logo
Texas Instruments
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
logo
Linear Technology
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com