Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6400 Datasheet (PDF) - Maxim Integrated Products

MAX6400 Datasheet PDF - Maxim Integrated Products
Part # MAX6400
Download  MAX6400 Download

File Size   152.55 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package

MAX6400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6400 Datasheet PDF - Maxim Integrated Products

Part # MAX6400
Download  MAX6400 Click to download

File Size   152.55 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package

MAX6400 Datasheet (HTML) - Maxim Integrated Products

MAX6400 Datasheet HTML 1Page - Maxim Integrated Products MAX6400 Datasheet HTML 2Page - Maxim Integrated Products MAX6400 Datasheet HTML 3Page - Maxim Integrated Products MAX6400 Datasheet HTML 4Page - Maxim Integrated Products MAX6400 Datasheet HTML 5Page - Maxim Integrated Products MAX6400 Datasheet HTML 6Page - Maxim Integrated Products MAX6400 Datasheet HTML 7Page - Maxim Integrated Products MAX6400 Datasheet HTML 8Page - Maxim Integrated Products MAX6400 Datasheet HTML 9Page - Maxim Integrated Products

MAX6400 Product details

General Description

The MAX6400–MAX6405 is a family of ultra-low power microprocessor (µP) supervisory circuits used for monitoring battery, power-supply, and regulated system voltages. Each device contains a precision bandgap

reference comparator and is trimmed to specified trip threshold voltages. These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring system voltages from 2.5V to 5.0V. A manual reset input is also included.



Features

♦ Ultra-Small 4-Bump (2 ✕ 2) Chip-Scale Package, (Package Pending Full Qualification—Expected Completion Date 6/30/01. See UCSP Reliability Section for More Details.)

♦ 70% Smaller Than SC70 Package

♦ Ultra-Low 500nA (typ) Supply Current (MAX6400/MAX6401/MAX6402)

♦ Factory-Trimmed Reset Thresholds from 2.20V to 4.63V in Approximately 100mV Increments

♦ ±2.5% Threshold Accuracy -40°C to +85°C

♦ Factory-Set 100ms (min) Reset Timeout Period

♦ Manual Reset Input

♦ Guaranteed Reset Valid to VCC = 1.0V

♦ Three Reset Output Logic Options: Active-Low Push-Pull, Active-High Push-Pull, and Active-Low Open-Drain.

♦ Immune to Short VCC Transients

♦ No External Components




Similar Part No. - MAX6400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406-MAX6411 MAXIM-MAX6406-MAX6411 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS MAXIM-MAX6406BS Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS22-T MAXIM-MAX6406BS22-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
More results


Similar Description - MAX6400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com