Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM6G22-30 Datasheet (PDF) - NXP Semiconductors

BLM6G22-30 Datasheet PDF - NXP Semiconductors
Part # BLM6G22-30_15
Download  BLM6G22-30 Download

File Size   163.25 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description W-CDMA 2100 MHz to 2200 MHz power MMIC

BLM6G22-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLM6G22-30 Datasheet PDF - NXP Semiconductors

Part # BLM6G22-30_15
Download  BLM6G22-30 Click to download

File Size   163.25 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description W-CDMA 2100 MHz to 2200 MHz power MMIC

BLM6G22-30 Datasheet (HTML) - NXP Semiconductors

Back Button BLM6G22-30_15 Datasheet HTML 1Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 2Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 3Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 4Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 5Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 6Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 7Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 8Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 9Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 10Page - NXP Semiconductors Next Button 



Similar Part No. - BLM6G22-30_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30(G) NXP-BLM6G22-30(G) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLM6G22-30G NXP-BLM6G22-30G Datasheet
103Kb / 12P
   W-CDMA 2100 MHz to 2200 MHz power MMIC
Rev. 03-21 November 2008
BLM6G22-30G NXP-BLM6G22-30G Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results


Similar Description - BLM6G22-30_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30 NXP-BLM6G22-30 Datasheet
103Kb / 12P
   W-CDMA 2100 MHz to 2200 MHz power MMIC
Rev. 03-21 November 2008
BLM6G10-30 NXP-BLM6G10-30 Datasheet
88Kb / 11P
   W-CDMA 900 MHz - 1000 MHz power MMIC
Rev. 01-28 August 2009
logo
Tyco Electronics
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
   Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
Hittite Microwave Corpo...
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com