Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX674 Datasheet (PDF) - Maxim Integrated Products

MAX674 Datasheet PDF - Maxim Integrated Products
Part # MAX674
Download  MAX674 Download

File Size   110.44 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10V Precision Voltage Reference

MAX674 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX674 Datasheet PDF - Maxim Integrated Products

Part # MAX674
Download  MAX674 Click to download

File Size   110.44 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10V Precision Voltage Reference

MAX674 Datasheet (HTML) - Maxim Integrated Products

MAX674 Datasheet HTML 1Page - Maxim Integrated Products MAX674 Datasheet HTML 2Page - Maxim Integrated Products MAX674 Datasheet HTML 3Page - Maxim Integrated Products MAX674 Datasheet HTML 4Page - Maxim Integrated Products

MAX674 Product details

General Description
The MAX674 is a precision voltage reference that is pretrimmed to within ±0.15% of 10V. The reference features excellent temperature stability (as low as 12.0ppm/°C guaranteed), low current drain, and low noise. It is supplied in the space-saving narrow SO package, as well as, the standard 8-pin plastic DIP package.
   
Features
♦ Pretrimmed to +10V, ±0.15%
♦ Excellent Temperature Stability: 12ppm/°C
♦ Low Noise: 20µVP-P
♦ Low Supply Current: 1.4mA (max)
♦ Short-Circuit Protected
♦ Load Regulation 0.001%/mA
♦ Pin-for-Pin Compatible with REF01
   
Applications
    A/D Converters
    D/A Converters
    Digital Voltmeters
    Voltage Regulators
    Threshold Detectors
   




Similar Part No. - MAX674

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
MAX674 MAXIM-MAX674 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
2004
MAX6740 MAXIM-MAX6740 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6740XKL MAXIM-MAX6740XKL Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKM MAXIM-MAX6740XKM Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results


Similar Description - MAX674

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
2004
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com