Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9010 Datasheet (PDF) - Maxim Integrated Products

MAX9010 Datasheet PDF - Maxim Integrated Products
Part # MAX9010
Download  MAX9010 Download

File Size   330.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators

MAX9010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9010 Datasheet PDF - Maxim Integrated Products

Part # MAX9010
Download  MAX9010 Click to download

File Size   330.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators

MAX9010 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX9010 Datasheet HTML 1Page - Maxim Integrated Products MAX9010 Datasheet HTML 2Page - Maxim Integrated Products MAX9010 Datasheet HTML 3Page - Maxim Integrated Products MAX9010 Datasheet HTML 4Page - Maxim Integrated Products MAX9010 Datasheet HTML 5Page - Maxim Integrated Products MAX9010 Datasheet HTML 6Page - Maxim Integrated Products MAX9010 Datasheet HTML 7Page - Maxim Integrated Products MAX9010 Datasheet HTML 8Page - Maxim Integrated Products MAX9010 Datasheet HTML 9Page - Maxim Integrated Products MAX9010 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX9010 Product details

General Description

The MAX9010/MAX9011/MAX9013 single and MAX9012 dual, high-speed comparators operate from a single 4.5V to 5.5V power supply and feature low-current consumption. They have precision differential inputs and TTL outputs. They feature short propagation delay (5ns, typ), low-supply current, and a wide common-mode input range that includes ground. They are ideal for low power, high-speed, single-supply applications.



Features

♦Ultra-Fast, 5ns Propagation Delay

♦Low Quiescent Current:

900µA (MAX9010/MAX9011)

1.3mA (MAX9013)

2.4mA (MAX9012)

♦Single-Supply 4.5V to 5.5V Applications

♦Input Range Extends Below Ground

♦No Minimum Input Signal Slew-Rate Requirement

♦No Supply-Current Spikes During Switching

♦Stable when Driven with Slow-Moving Inputs

♦No Output Phase Reversal for Overdriven Inputs

♦TTL-Compatible Outputs (Complementary for

MAX9013)

♦Latch Function Included (MAX9011/MAX9013)

♦High-Precision Comparators

0.7mV Input Offset Voltage

3.0V/mV Voltage Gain

♦Available in Tiny 6-Pin SC70 and SOT23 Packages




Similar Part No. - MAX9010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX901 MAXIM-MAX901 Datasheet
162Kb / 12P
   High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015A MAXIM-MAX9015A Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
More results


Similar Description - MAX9010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com