Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX912 Datasheet (PDF) - Maxim Integrated Products

MAX912 Datasheet PDF - Maxim Integrated Products
Part # MAX912
Download  MAX912 Download

File Size   93.41 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators

MAX912 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX912 Datasheet PDF - Maxim Integrated Products

Part # MAX912
Download  MAX912 Click to download

File Size   93.41 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators

MAX912 Datasheet (HTML) - Maxim Integrated Products

MAX912 Datasheet HTML 1Page - Maxim Integrated Products MAX912 Datasheet HTML 2Page - Maxim Integrated Products MAX912 Datasheet HTML 3Page - Maxim Integrated Products MAX912 Datasheet HTML 4Page - Maxim Integrated Products MAX912 Datasheet HTML 5Page - Maxim Integrated Products MAX912 Datasheet HTML 6Page - Maxim Integrated Products MAX912 Datasheet HTML 7Page - Maxim Integrated Products MAX912 Datasheet HTML 8Page - Maxim Integrated Products

MAX912 Product details

General Description
The MAX913 single and MAX912 dual high-speed, low-power comparators have differential inputs and complementary TTL outputs. Fast propagation delay (10ns typ), extremely low supply current, and a wide common-mode input range that includes the negative rail make the MAX912/MAX913 ideal for low-power, high-speed, single +5V (or ±5V) applications such as V/F converters or switching regulators.

Features
♦ Ultra Fast (10ns)
♦ Single +5V or Dual ±5V Supply Operation
♦ Input Range Extends Below Negative Supply
♦ Low Power: 6mA (+5V) Per Comparator
♦ No Minimum Input Signal Slew-Rate Requirement
♦ No Power-Supply Current Spiking
♦ Stable in the Linear Region
♦ Inputs Can Exceed Either Supply
♦ Low Offset Voltage: 0.8mV

Applications
    Zero-Crossing Detectors
    Ethernet Line Receivers
    Switching Regulators
    High-Speed Sampling Circuits
    High-Speed Triggers
    Extended Range V/F Converters
    Fast Pulse Width/Height Discriminators




Similar Part No. - MAX912

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9120EXK MAXIM-MAX9120EXK Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
More results


Similar Description - MAX912

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
MAX9686 MAXIM-MAX9686 Datasheet
1Mb / 4P
   Single/Dual Very Fast TTL Output Comparators
1989
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com