Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638160600 Datasheet (PDF) - Molex Electronics Ltd.

0638160600 Datasheet PDF - Molex Electronics Ltd.
Part # 0638160600
Download  0638160600 Download

File Size   37.18 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Power Crimp Head For Type 4A Crimp Tools

0638160600 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638160600 Datasheet PDF - Molex Electronics Ltd.

Part # 0638160600
Download  0638160600 Click to download

File Size   37.18 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Power Crimp Head For Type 4A Crimp Tools

0638160600 Datasheet (HTML) - Molex Electronics Ltd.

0638160600 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 0638160600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638160100 MOLEX11-0638160100 Datasheet
37Kb / 1P
   Air Powered Crimping Tool
0638160200 MOLEX11-0638160200 Datasheet
38Kb / 1P
   Battery Powered Crimping Tool
0638160270 MOLEX-0638160270 Datasheet
37Kb / 1P
   Battery Powered Crimping Tool, 110V
08/26/2022
0638160272 MOLEX-0638160272 Datasheet
43Kb / 1P
   10.8V Lithium-Ion Battery
08/26/2022
0638160275 MOLEX-0638160275 Datasheet
39Kb / 1P
   110V Battery Charger
08/25/2022
More results


Similar Description - 0638160600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638160800 MOLEX11-0638160800 Datasheet
32Kb / 1P
   Power Crimp Head For Type 4D Crimp Tools
0638161600 MOLEX11-0638161600 Datasheet
24Kb / 1P
   Power Crimp Head For Type 4E Crimp Tools
0638161950 MOLEX-0638161950 Datasheet
33Kb / 1P
   Power Crimp Adapter for Type 4A Hand Crimp Tools
08/26/2022
0638160900 MOLEX11-0638160900 Datasheet
31Kb / 1P
   Power Crimp Head For Type RHT & AT Crimp Tools
0638160300 MOLEX11-0638160300 Datasheet
37Kb / 1P
   Power Crimp Head For Type 2C & 4C Crimp Tools
0638161600 MOLEX-0638161600 Datasheet
45Kb / 1P
   Power Crimp Head for Type 4E Hand Crimp Tools
11/02/2021
0638161920 MOLEX-0638161920 Datasheet
36Kb / 1P
   Power Crimp Adapter for Type 4D Hand Crimp Tools
08/26/2022
ATS-638161100 MOLEX-ATS-638161100 Datasheet
436Kb / 2P
   Power Crimp Head for Din Style Crimp Dies
05-28-14
0638161100 MOLEX-0638161100 Datasheet
36Kb / 1P
   Power Crimp Head for Din Style Crimp Dies
08/25/2022
0638161200 MOLEX11-0638161200 Datasheet
33Kb / 1P
   Power Crimp Head
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com