Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28022FUZ Datasheet (PDF) - Intersil Corporation

ISL28022FUZ Datasheet PDF - Intersil Corporation
Part # ISL28022FUZ
Download  ISL28022FUZ Download

File Size   1131.75 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Digital Power Monitor

ISL28022FUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28022FUZ Datasheet PDF - Intersil Corporation

Part # ISL28022FUZ
Download  ISL28022FUZ Click to download

File Size   1131.75 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Digital Power Monitor

ISL28022FUZ Datasheet (HTML) - Intersil Corporation

Back Button ISL28022FUZ Datasheet HTML 1Page - Intersil Corporation ISL28022FUZ Datasheet HTML 2Page - Intersil Corporation ISL28022FUZ Datasheet HTML 3Page - Intersil Corporation ISL28022FUZ Datasheet HTML 4Page - Intersil Corporation ISL28022FUZ Datasheet HTML 5Page - Intersil Corporation ISL28022FUZ Datasheet HTML 6Page - Intersil Corporation ISL28022FUZ Datasheet HTML 7Page - Intersil Corporation ISL28022FUZ Datasheet HTML 8Page - Intersil Corporation ISL28022FUZ Datasheet HTML 9Page - Intersil Corporation ISL28022FUZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28022FUZ Product details

The ISL28022 is a bidirectional high-side and low-side digital
current sense and voltage monitor with serial interface. The
device monitors current and voltage and provides the results
digitally along with calculated power. The ISL28022 provides
tight accuracy of less than 0.3% for both voltage and current
monitoring over the entire input range. The digital power
monitor has configurable fault thresholds and measurable
ADC gain ranges.
The ISL28022 handles common mode input voltage ranging
from 0V to 60V. The wide range permits the device to handle
telecom, automotive and industrial applications with minimal
external circuitry. Both high and low-side ground sensing
applications are easily handled with the flexible architecture.
The ISL28022 consumes an average current of just 700µA and is
available in a 10 Ld MSOP package. The ISL28022 is also offered
in a space saving 16 Ld QFN package. The part operates across
the extended temperature range from -40°C to +125°C.

Features
• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
• 16-bit ∑∆ADC monitors current and voltage
• Voltage measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Current measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Handles negative system voltage
• Overvoltage/undervoltage and current fault monitoring
• I2C/SMBus interface
• Wide VCC range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
• ESD (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV
• Supports high speed I2C . . . . . . . . . . . . . . . . . . . . . . . 3.4MHz

Applications
• Routers and servers
• DC/DC, AC/DC converters
• Battery management/charging
• Automotive power
• Power distribution
• Medical and test equipment




Similar Part No. - ISL28022FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022FUZ RENESAS-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28022FUZ-T7AR5453 INTERSIL-ISL28022FUZ-T7AR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ-TR5453 INTERSIL-ISL28022FUZ-TR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZR5453 INTERSIL-ISL28022FUZR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results


Similar Description - ISL28022FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com