Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28117SOICEVAL1Z Datasheet (PDF) - Intersil Corporation

ISL28117SOICEVAL1Z Datasheet PDF - Intersil Corporation
Part # ISL28117SOICEVAL1Z
Download  ISL28117SOICEVAL1Z Download

File Size   1420.14 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V Precision Low Power Operational Amplifiers

ISL28117SOICEVAL1Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28117SOICEVAL1Z Datasheet PDF - Intersil Corporation

Part # ISL28117SOICEVAL1Z
Download  ISL28117SOICEVAL1Z Click to download

File Size   1420.14 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V Precision Low Power Operational Amplifiers

ISL28117SOICEVAL1Z Datasheet (HTML) - Intersil Corporation

Back Button ISL28117SOICEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28117SOICEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28117SOICEVAL1Z Product details

The ISL28117, ISL28217 and ISL28417 are a family of very high
precision amplifiers featuring low noise vs power consumption,
low offset voltage, low IBIAS current and low temperature drift
making them the ideal choice for applications requiring both high
DC accuracy and AC performance. The combination of precision,
low noise, and small footprint provides the user with outstanding
value and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28117 single and ISL28217 dual are offered in an
8 Ld SOIC, MSOP and TDFN packages. The ISL28417 is offered
in 14 Ld SOIC, 14 Ld TSSOP packages. All devices are offered
in standard pin configurations and operate over the extended
temperature range from -40°C to +125°C.

Features
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50µV, Max.
• Superb offset TC. . . . . . . . . . . . . . . . . . . . . . . . 0.6µV/°C, Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . ±1nA, Max.
• Input bias current TC . . . . . . . . . . . . . . . . . . . . .±5pA/°C, Max.
• Low current consumption . . . . . . . . . . . . . . . . . . . . . . . . 440µA
• Voltage noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8nV/Hz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Small package offerings in single, dual and quad
• Pb-Free (RoHS compliant)
• No phase reversal

Applications
• Precision instruments
• Medical instrumentation
• Spectral analysis equipment
• Active filter blocks
• Thermocouples and RTD reference buffers
• Data acquisition
• Power supply control




Similar Part No. - ISL28117SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117SOICEVAL1Z INTERSIL-ISL28117SOICEVAL1Z Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117SOICEVAL1Z INTERSIL-ISL28117SOICEVAL1Z Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117SOICEVAL1Z INTERSIL-ISL28117SOICEVAL1Z Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117SOICEVAL1Z RENESAS-ISL28117SOICEVAL1Z Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results


Similar Description - ISL28117SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com