Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C3211 Datasheet (PDF) - Macronix International

MX23C3211 Datasheet PDF - Macronix International
Part # MX23C3211
Download  MX23C3211 Download

File Size   514.77 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode

MX23C3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23C3211 Datasheet PDF - Macronix International

Part # MX23C3211
Download  MX23C3211 Click to download

File Size   514.77 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode

MX23C3211 Datasheet (HTML) - Macronix International

MX23C3211 Datasheet HTML 1Page - Macronix International MX23C3211 Datasheet HTML 2Page - Macronix International MX23C3211 Datasheet HTML 3Page - Macronix International MX23C3211 Datasheet HTML 4Page - Macronix International MX23C3211 Datasheet HTML 5Page - Macronix International MX23C3211 Datasheet HTML 6Page - Macronix International MX23C3211 Datasheet HTML 7Page - Macronix International MX23C3211 Datasheet HTML 8Page - Macronix International

MX23C3211 Product details

FEATURES
• Bit organization
    - 4M x 8 (byte mode)
    - 2M x 16 (word mode)
• Fast access time
    - Random access: 100ns (max.)
    - Page access: 30ns (max.)
• Page Size
    - 8 words per page
• Current
    - Operating:60mA
    - Standby:50uA
• Supply voltage
    - 5V±10%
• Package
    - 44 pin SOP (500mil)
    - 48 pin TSOP (12mm x 20mm)




Similar Part No. - MX23C3211

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210 MCNIX-MX23C3210 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23C3210MC-10 MCNIX-MX23C3210MC-10 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-10 MCNIX-MX23C3210MC-10 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23C3210MC-10G MCNIX-MX23C3210MC-10G Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
More results


Similar Description - MX23C3211

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Macronix International
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com