Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1533AIRZ Datasheet (PDF) - Intersil Corporation

ISL1533AIRZ Datasheet PDF - Intersil Corporation
Part # ISL1533AIRZ
Download  ISL1533AIRZ Download

File Size   928.24 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

ISL1533AIRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1533AIRZ Datasheet PDF - Intersil Corporation

Part # ISL1533AIRZ
Download  ISL1533AIRZ Click to download

File Size   928.24 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

ISL1533AIRZ Datasheet (HTML) - Intersil Corporation

Back Button ISL1533AIRZ Datasheet HTML 1Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 2Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 3Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 4Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 5Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 6Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 7Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 8Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 9Page - Intersil Corporation ISL1533AIRZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL1533AIRZ Product details

The ISL1533A is a dual channel differential amplifier designed
for driving high crest factor signals at very low distortion levels.
The high drive capability of 450mA makes this driver ideal for
DMT designs. It contains two pairs of wideband, high-voltage,
current mode feedback amplifiers designed on Intersil’s HS30
Bipolar SOI process for low power consumption in Asymmetric
Digital Subscriber Line (ADSL) and Power Line Communications
(PLC) systems. This process also provides for very rugged
protection against lightning induced surges on the line.
The supply current can be set using a resistor on the IADJ pin.
Pins (C0 and C1) can also be used to adjust supply current to
one of four preset modes (full-IS, 3/4-IS, 1/2-IS, and full
power-down). The ISL1533A integrates 50k pull-up resistors on
C0 and C1 pins to initially disable the device.
The ISL1533A operates on ±5V to ±15V supplies or single
supply up to 30V and retains its bandwidth and linearity over
the complete full scale supply range.
The device is supplied in a thermally-enhanced small footprint
(4mmx5mm) 24 Ld QFN package. The ISL1533A is specified
for operation over the full -40°C to +85°C temperature range.

Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100
• ±5V to ±15V or single supply to 30V operation
• Operates down to supply current of 4mA per port
• Current control pins
• Channel separation
- 80dB at 500kHz
• Pb-free (RoHS compliant)

Applications
• Dual port ADSL2+ line drivers
• Power Line Communications (PLC)




Similar Part No. - ISL1533AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1533AIRZ RENESAS-ISL1533AIRZ Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1533AIRZ-T13 RENESAS-ISL1533AIRZ-T13 Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results


Similar Description - ISL1533AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com