Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2171 Datasheet (PDF) - Micrel Semiconductor

MIC2171 Datasheet PDF - Micrel Semiconductor
Part # MIC2171
Download  MIC2171 Download

File Size   80.2 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 2.5A Switching Regulator Preliminary Information

MIC2171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2171 Datasheet PDF - Micrel Semiconductor

Part # MIC2171
Download  MIC2171 Click to download

File Size   80.2 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 2.5A Switching Regulator Preliminary Information

MIC2171 Datasheet (HTML) - Micrel Semiconductor

MIC2171 Datasheet HTML 1Page - Micrel Semiconductor MIC2171 Datasheet HTML 2Page - Micrel Semiconductor MIC2171 Datasheet HTML 3Page - Micrel Semiconductor MIC2171 Datasheet HTML 4Page - Micrel Semiconductor MIC2171 Datasheet HTML 5Page - Micrel Semiconductor MIC2171 Datasheet HTML 6Page - Micrel Semiconductor MIC2171 Datasheet HTML 7Page - Micrel Semiconductor MIC2171 Datasheet HTML 8Page - Micrel Semiconductor MIC2171 Datasheet HTML 9Page - Micrel Semiconductor MIC2171 Datasheet HTML 10Page - Micrel Semiconductor

MIC2171 Product details

General Description

The MIC2171 is a complete 100kHz SMPS current-mode controller with an internal 65V 2.5A power switch.

Although primarily intended for voltage step-up applications, the floating switch architecture of the MIC2171 makes it practical for step-down, inverting, and Cuk configurations as well as isolated topologies.

Operating from 3V to 40V, the MIC2171 draws only 7mA of quiescent current, making it attractive for battery operated supplies.

The MIC2171 is available in a 5-pin TO-220 or TO-263 for –40°C to +85°C operation.



Features

• 2.5A, 65V internal switch rating

• 3V to 40V input voltage range

• Current-mode operation, 2.5A peak

• Internal cycle-by-cycle current limit

• Thermal shutdown

• Twice the frequency of the LM2577

• Low external parts count

• Operates in most switching topologies

• 7mA quiescent current (operating)

• Fits LT1171/LM2577 TO-220 and TO-263 sockets



Applications

• Laptop/palmtop computers

• Battery operated equipment

• Hand-held instruments

• Off-line converter up to 50W(requires external power switch)

• Pre-driver for higher power capability



 




Similar Part No. - MIC2171

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
logo
Micrel Semiconductor
MIC2171BT MICREL-MIC2171BT Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2171BU MICREL-MIC2171BU Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2171WT MICREL-MIC2171WT Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
logo
Microchip Technology
MIC2171WT MICROCHIP-MIC2171WT Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results


Similar Description - MIC2171

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
Linear Technology
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com