Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22424UFV14Z Datasheet (PDF) - Intersil Corporation

ISL22424UFV14Z Datasheet PDF - Intersil Corporation
Part # ISL22424UFV14Z
Download  ISL22424UFV14Z Download

File Size   760.26 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, SPI® Bus, 256 Taps

ISL22424UFV14Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22424UFV14Z Datasheet PDF - Intersil Corporation

Part # ISL22424UFV14Z
Download  ISL22424UFV14Z Click to download

File Size   760.26 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, SPI® Bus, 256 Taps

ISL22424UFV14Z Datasheet (HTML) - Intersil Corporation

Back Button ISL22424UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22424UFV14Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL22424UFV14Z Product details

The ISL22424 integrates two digitally controlled
potentiometers (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the SPI
serial interface. Each potentiometer has an associated
volatile Wiper Register (WRi) and a non-volatile Initial Value
Register (IVRi) that can be directly written to and read by the
user. The contents of the WRi control the position of the
wiper. At power-up the device recalls the contents of the
DCP’s IVRi to the corresponding WRi.
The ISL22424 also has 13 General Purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22424 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
Each DCP can be used as three-terminal potentiometer or
as two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Two potentiometers in one package
• 256 resistor taps
• SPI serial interface with write/read capability
• Daisy Chain Configuration
• Shutdown mode
• Non-volatile EEPROM storage of wiper position
• 13 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T 55°C
• Wiper resistance: 70 typical @ 1mA
• Standby current <4µA max
• Shutdown current <4µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
• 10k 50kor 100k total resistance
• Extended industrial temperature range: -40ºC to +125ºC
• 14 Ld TSSOP or 16 Ld QFN
• Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL22424UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424UFV14Z INTERSIL-ISL22424UFV14Z Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22424UFV14Z RENESAS-ISL22424UFV14Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results


Similar Description - ISL22424UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com