Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59960-Catx-EVZ Datasheet (PDF) - Intersil Corporation

ISL59960-Catx-EVZ Datasheet PDF - Intersil Corporation
Part # ISL59960-Catx-EVZ
Download  ISL59960-Catx-EVZ Download

File Size   757.63 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet

ISL59960-Catx-EVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59960-Catx-EVZ Datasheet PDF - Intersil Corporation

Part # ISL59960-Catx-EVZ
Download  ISL59960-Catx-EVZ Click to download

File Size   757.63 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet

ISL59960-Catx-EVZ Datasheet (HTML) - Intersil Corporation

Back Button ISL59960-Catx-EVZ Datasheet HTML 1Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 2Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 3Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 4Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 5Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 6Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 7Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 8Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 9Page - Intersil Corporation ISL59960-Catx-EVZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL59960-Catx-EVZ Product details

The ISL59960 is a single-channel adaptive equalizer for 960H
(WD1) or 720H (D1) composite video designed to
automatically compensate for long runs of CAT 5/CAT 6 or
RG-59 cable, producing high quality video output with no user
interaction. The ISL59960 equalizes up to 4000 feet (1200
meters) of CAT 5/CAT 6 cable.
960MegaQ™ compensates for high frequency cable losses of
up to 70dB at 9MHz, as well as source amplitude variations up
to ±3dB.
The ISL59960 operates from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can drive
2VP-P into two source-terminated 75Ω loads (AC-coupled or
DC-coupled).

Features
• Equalizes both 960H and 720H video
• Equalizes up to 4000 feet of Cat 5/Cat 6 and up to 5000
feet (1500m) of RG-59
• Fully automatic, stand-alone operation - no user adjustment
required
• 13MHz -3dB bandwidth
• ±8kV ESD protection on all inputs
• Automatic cable type compensation
• Compatible with color or monochrome, 960H, NTSC or PAL
signals
• Automatic polarity detection and inversion
• Compensates for ±3dB source variation (in addition to cable
losses)
• Optional serial interface adds additional functionality
• Works with single-ended or differential inputs
• Output drives up to two 150Ω video loads

Applications
• Surveillance video
• Video distribution




Similar Part No. - ISL59960-Catx-EVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59960-Catx-EVZ INTERSIL-ISL59960-Catx-EVZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960-Catx-EVZ RENESAS-ISL59960-Catx-EVZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results


Similar Description - ISL59960-Catx-EVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com