Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0640037670 Datasheet (PDF) - Molex Electronics Ltd.

0640037670 Datasheet PDF - Molex Electronics Ltd.
Part # 0640037670
Download  0640037670 Download

File Size   35.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Square DIN style dies for 8 AWG

0640037670 Datasheet (PDF)

Go To PDF Page Download Datasheet
0640037670 Datasheet PDF - Molex Electronics Ltd.

Part # 0640037670
Download  0640037670 Click to download

File Size   35.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Square DIN style dies for 8 AWG

0640037670 Datasheet (HTML) - Molex Electronics Ltd.

0640037670 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 0640037670

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640037100 MOLEX-0640037100 Datasheet
30Kb / 1P
   Hand Crimp Tool
01/25/2022
0640037200 MOLEX-0640037200 Datasheet
44Kb / 2P
   Hand Crimp Tool
01/25/2022
0640037300 MOLEX-0640037300 Datasheet
33Kb / 2P
   Right Hand Crimp Tool for Female Non-Insulated Standard Quick Disconnects, 12-16 AWG Wire
01/25/2022
0640037770 MOLEX11-0640037770 Datasheet
35Kb / 1P
   Square DIN style dies for 6 AWG
0640037870 MOLEX11-0640037870 Datasheet
35Kb / 1P
   Square DIN style dies for 4 AWG
More results


Similar Description - 0640037670

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640037770 MOLEX11-0640037770 Datasheet
35Kb / 1P
   Square DIN style dies for 6 AWG
0640037870 MOLEX11-0640037870 Datasheet
35Kb / 1P
   Square DIN style dies for 4 AWG
0640037970 MOLEX11-0640037970 Datasheet
35Kb / 1P
   Square DIN style dies for 2 AWG
2139380020 MOLEX-2139380020 Datasheet
35Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 8 AWG
08/25/2022
ATS-638161100 MOLEX-ATS-638161100 Datasheet
436Kb / 2P
   Power Crimp Head for Din Style Crimp Dies
05-28-14
0638161100 MOLEX-0638161100 Datasheet
36Kb / 1P
   Power Crimp Head for Din Style Crimp Dies
08/25/2022
0640080270 MOLEX11-0640080270 Datasheet
54Kb / 1P
   Square DIN style die sets used with Metric 10mm (8 AWG) compression lug
0192890600 MOLEX-0192890600 Datasheet
35Kb / 1P
   Square Din Style Die Sets for Imperium Max6 Pin Terminals, 2 AWG
08/26/2022
0640038570 MOLEX-0640038570 Datasheet
26Kb / 1P
   Square "Din" Style Die Set for EXTreme Guardian Power Receptacle Terminals, 8 AWG UL1028 or UL1283
08/25/2022
0638274070 MOLEX11-0638274070 Datasheet
36Kb / 1P
   Square Din Style Die Sets for Guardian Power Terminals for 6 AWG UL 1028
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com