Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21080CIH341Z-TK Datasheet (PDF) - Intersil Corporation

ISL21080CIH341Z-TK Datasheet PDF - Intersil Corporation
Part # ISL21080CIH341Z-TK
Download  ISL21080CIH341Z-TK Download

File Size   927.25 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300nA NanoPower Voltage References

ISL21080CIH341Z-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21080CIH341Z-TK Datasheet PDF - Intersil Corporation

Part # ISL21080CIH341Z-TK
Download  ISL21080CIH341Z-TK Click to download

File Size   927.25 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300nA NanoPower Voltage References

ISL21080CIH341Z-TK Datasheet (HTML) - Intersil Corporation

Back Button ISL21080CIH341Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH341Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21080CIH341Z-TK Product details

The ISL21080 analog voltage references feature low supply
voltage operation at ultra-low 310nA typ, 1.5µA max operating
current. Additionally, the ISL21080 family features guaranteed
initial accuracy as low as ±0.2% and 50ppm/°C temperature
coefficient.
These references are ideal for general purpose portable
applications to extend battery life at lower cost. The ISL21080 is
provided in the industry standard 3 Ld SOT-23 pinout.
The ISL21080 output voltages can be used as precision voltage
sources for voltage monitors, control loops, standby voltages for
low power states for DSP, FPGA, Datapath Controllers,
microcontrollers and other core voltages: 0.9V, 1.024V, 1.25V,
1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V and 5.0V.
Special Note: Post-assembly x-ray inspection may lead to permanent
changes in device output voltage and should be minimized or avoided.
For further information, please see “Applications Information” on
page 14 and AN1533, “X-Ray Effects on Intersil FGA References”.

Features
• Reference output voltage . . . . . . . . 0.900V, 1.024V, 1.250V,
1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V
• Initial accuracy:
- ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.7%
- ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6%
- ISL21080-15. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5%
- ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3%
- ISL21080-30, -33, -41, and -50 . . . . . . . . . . . . . . . . . ±0.2%
• Input voltage range:
- ISL21080-09. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V
- ISL21080-10, -12, -15, -20 and -25. . . . . . . . . 2.7V to 5.5V
- ISL21080-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21080-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21080-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V
- ISL21080-50. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output voltage noise . . . . . . . . . . . . .30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5µA (max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output current capability. . . . . . . . . . . . . . . . . . . . . . . . . ±7mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• Energy harvesting applications
• Wireless sensor network applications
• Low power voltage sources for controllers, FPGA, ASICs or logic
devices
• Battery management/monitoring
• Low power standby voltages
• Portable Instrumentation
• Consumer/medical electronics
• Wearable electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21080CIH341Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080CIH341Z-TK INTERSIL-ISL21080CIH341Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH341Z-TK INTERSIL-ISL21080CIH341Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH341Z-TK RENESAS-ISL21080CIH341Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results


Similar Description - ISL21080CIH341Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com