Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88903 Datasheet (PDF) - Micrel Semiconductor

SY88903 Datasheet PDF - Micrel Semiconductor
Part # SY88903
Download  SY88903 Download

File Size   102.89 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88903 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88903 Datasheet PDF - Micrel Semiconductor

Part # SY88903
Download  SY88903 Click to download

File Size   102.89 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88903 Datasheet (HTML) - Micrel Semiconductor

SY88903 Datasheet HTML 1Page - Micrel Semiconductor SY88903 Datasheet HTML 2Page - Micrel Semiconductor SY88903 Datasheet HTML 3Page - Micrel Semiconductor SY88903 Datasheet HTML 4Page - Micrel Semiconductor SY88903 Datasheet HTML 5Page - Micrel Semiconductor SY88903 Datasheet HTML 6Page - Micrel Semiconductor SY88903 Datasheet HTML 7Page - Micrel Semiconductor SY88903 Datasheet HTML 8Page - Micrel Semiconductor

SY88903 Product details

DESCRIPTION
The SY88903 limiting post amplifier with its high gain and wide bandwidth is ideal for use as a post amplifier in fiber-optic receivers with data rates up to 1.25Gbps. Signals as small as 5mVp-p can be amplified to drive devices with PECL inputs. The SY88903 generates a chatter-free Loss of Signal (LOS) open collector TTL output.

FEATURES
■ Up to 1.25Gbps operation
■ Low noise
■ Chatter-Free LOS Generation
■ Open Collector TTL LOS Output
■ TTL /EN Input
■ Differential PECL inputs for data
■ Single power supply
■ Designed for use with SY88902 and SY88904
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter




Similar Part No. - SY88903

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903 MICREL-SY88903 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88903ALKG MICREL-SY88903ALKG Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88903ALKGTR MICREL-SY88903ALKGTR Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88903KCTR MICREL-SY88903KCTR Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88903

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com