Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1264 Datasheet (PDF) - Microchip Technology

TC1264 Datasheet PDF - Microchip Technology
Part # TC1264
Download  TC1264 Download

File Size   448.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 800mA Fixed Output CMOS LDO

TC1264 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1264 Datasheet PDF - Microchip Technology

Part # TC1264
Download  TC1264 Click to download

File Size   448.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 800mA Fixed Output CMOS LDO

TC1264 Datasheet (HTML) - Microchip Technology

Back Button TC1264 Datasheet HTML 1Page - Microchip Technology TC1264 Datasheet HTML 2Page - Microchip Technology TC1264 Datasheet HTML 3Page - Microchip Technology TC1264 Datasheet HTML 4Page - Microchip Technology TC1264 Datasheet HTML 5Page - Microchip Technology TC1264 Datasheet HTML 6Page - Microchip Technology TC1264 Datasheet HTML 7Page - Microchip Technology TC1264 Datasheet HTML 8Page - Microchip Technology TC1264 Datasheet HTML 9Page - Microchip Technology TC1264 Datasheet HTML 10Page - Microchip Technology Next Button 

TC1264 Product details

General Description

The TC1264 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1264’s CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 80µA at full load (20 to 60 times lower than in bipolar regulators).



Features

• Very Low Dropout Voltage

• 800mA Output Current

• High Output Voltage Accuracy

• Standard or Custom Output Voltages

• Over Current and Over Temperature Protection



Applications

• Battery Operated Systems

• Portable Computers

• Medical Instruments

• Instrumentation

• Cellular/GSM/PHS Phones

• Linear Post-Regulators for SMPS

• Pagers




Similar Part No. - TC1264

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1264-1.8VAB MICROCHIP-TC1264-1.8VAB Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264-1.8VDB MICROCHIP-TC1264-1.8VDB Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264-1.8VDBTR MICROCHIP-TC1264-1.8VDBTR Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264-1.8VEB MICROCHIP-TC1264-1.8VEB Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264-1.8VEBTR MICROCHIP-TC1264-1.8VEBTR Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Similar Description - TC1264

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
   800mA CMOS LDO
logo
Analog Microelectronics
AME8847 AME-AME8847 Datasheet
169Kb / 12P
   800mA CMOS LDO
logo
Unisonic Technologies
L1188 UTC-L1188 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com