Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1426 Datasheet (PDF) - Microchip Technology

TC1426 Datasheet PDF - Microchip Technology
Part # TC1426
Download  TC1426 Download

File Size   453.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.2A Dual High-Speed MOSFET Drivers

TC1426 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1426 Datasheet PDF - Microchip Technology

Part # TC1426
Download  TC1426 Click to download

File Size   453.63 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.2A Dual High-Speed MOSFET Drivers

TC1426 Datasheet (HTML) - Microchip Technology

Back Button TC1426 Datasheet HTML 1Page - Microchip Technology TC1426 Datasheet HTML 2Page - Microchip Technology TC1426 Datasheet HTML 3Page - Microchip Technology TC1426 Datasheet HTML 4Page - Microchip Technology TC1426 Datasheet HTML 5Page - Microchip Technology TC1426 Datasheet HTML 6Page - Microchip Technology TC1426 Datasheet HTML 7Page - Microchip Technology TC1426 Datasheet HTML 8Page - Microchip Technology TC1426 Datasheet HTML 9Page - Microchip Technology TC1426 Datasheet HTML 10Page - Microchip Technology Next Button 

TC1426 Product details

GENERAL DESCRIPTION
The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency.
These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic transistor responsible for CMOS latch-up. They incorporate a number of other design and process refinements to increase their long-term reliability.
The TC1426 is compatible with the bipolar DS0026, but only draws 1/5 of the quiescent current. The TC1426/27/28 are also compatible with the TC426/27/28, but with 1.2A peak output current rather than the 1.5A of the TC426/27/28 devices.

FEATURES
■ Low Cost
■ Latch-Up Protected: Will Withstand 500 mA Reverse
   Output Current
■ ESD Protected ...................................................±2 kV
■ High Peak Output Current........................ 1.2A Peak
■ High Capacitive Load Drive
   Capability...................................... 1000pF in 38nsec
■ Wide Operating Range ........................... 4.5V to 16V
■ Low Delay Time...................................... 75nsec Max
■ Logic Input Threshold Independent of
   Supply Voltage
■ Output Voltage Swing to Within 25mV of
   Ground or VDD
■ Low Output Impedance ........................................ 8Ω

APPLICATIONS
■ Power MOSFET Drivers
■ Switched Mode Power Supplies
■ Pulse Transformer Drive
■ Small Motor Controls
■ Print Head Drive




Similar Part No. - TC1426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC1426COA TELCOM-TC1426COA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426COA MICROCHIP-TC1426COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1426COA MICROCHIP-TC1426COA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results


Similar Description - TC1426

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com