Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N749-1
(1)
1N749-1 - SILICON 400 mW ZENER DIODES - Microsemi Corporation
Click Here View
1N749-1
Datasheet
Part No.
1N749-1
Description
SILICON 400 mW ZENER DIODES
Download
1N749-1
Click here
to View
File Size
222.37 Kbytes / 3 Pages
Maker
MICROSEMI [Microsemi Corporation]
Homepage
http://www.microsemi.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1N5728
SILICON
400
mW
ZENER
DIODES
Microsemi Corporation
1N821
TEMPERATURECOMPENSATED
SILICON
ZENER
REFERENCE
DIODES
6.2
V
400
mW
Motorola, Inc
1N957B
SILICON
400
mW
ZENER
DIODES
Microsemi Corporation
1N821A
TEMPERATURECOMPENSATED
SILICON
ZENER
REFERENCE
DIODES
6.2
V
400
mW
Motorola, Inc
1N5221B
TECHNICAL
SPECIFICATIONS
OF
GLASS
SILICON
ZENER
DIODES
Dc Components
BZX84C2V4
Silicon
410
mWatt
Zener
Diodes
Micro Commercial Components
1N3821
SILICON
1
WATT
ZENER
DIODES
Microsemi Corporation
1N5731C
SILICON
400MW
ZENER
DIODES
Microsemi Corporation
ZM-PTZ10B
SILICON
EPITAXIAL
PLANAR
ZENER
DIODES
Semtech Corporation
CLL957A
SILICON
ZENER
DIODES
Continental Device India Limited
Link URL :
Related keyword
1N749-1 Datasheet
1N749-1 Cross Reference
1N749-1 Schematic
1N749-1 Distributor
1N749-1 Datenblatt
1N749-1 RoHS
1N749-1 Equivalent
1N749-1 Application Notes
1N749-1 Data Sheet
1N749-1 components
1N749-1 Fiche Technique
1N749-1 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer