Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11697V Datasheet (PDF) - ON Semiconductor

LB11697V Datasheet PDF - ON Semiconductor
Part # LB11697V
Download  LB11697V Download

File Size   179.59 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Direct PWM Drive Brushless Motor Predriver IC

LB11697V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11697V Datasheet PDF - ON Semiconductor

Part # LB11697V
Download  LB11697V Click to download

File Size   179.59 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Direct PWM Drive Brushless Motor Predriver IC

LB11697V Datasheet (HTML) - ON Semiconductor

Back Button LB11697V Datasheet HTML 1Page - ON Semiconductor LB11697V Datasheet HTML 2Page - ON Semiconductor LB11697V Datasheet HTML 3Page - ON Semiconductor LB11697V Datasheet HTML 4Page - ON Semiconductor LB11697V Datasheet HTML 5Page - ON Semiconductor LB11697V Datasheet HTML 6Page - ON Semiconductor LB11697V Datasheet HTML 7Page - ON Semiconductor LB11697V Datasheet HTML 8Page - ON Semiconductor LB11697V Datasheet HTML 9Page - ON Semiconductor LB11697V Datasheet HTML 10Page - ON Semiconductor Next Button 

LB11697V Product details

Overview
The LB11697V is a direct PWM drive predriver IC designed for three-phase power brushless motors. A motor driver circuit with the desired output power (voltage and current) can be implemented by adding discrete transistors in the output circuits. Furthermore, the LB11697V provides a full complement of protection circuits allowing it to easily implement high-reliability drive circuits. Note that the LB11697V is a modified version of the LB11696V in which the output logic has been optimized for 12 V system motors. This allows the number of external components to be reduced in application circuits.

Features
● Three-phase bipolar drive
● Direct PWM drive (controlled either by control voltage or PWM variable duty pulse input)
● Built-in forward/reverse switching circuit
● Start/stop mode switching circuit (stop mode power saving function)
● Built-in input amplifier
● 5 V regulator output (VREG pin)
● Current limiter circuit (Supports 0.25 V (typical) reference voltage sensing based high-precision detection)
● Undervoltage protection circuit (The operating voltage can be set with a zener diode)
● Automatic recovery type constraint protection circuit with protection operating state discrimination output (RD pin)
● Four types of Hall signal pulse outputs
● Supports thermistor based thermal protection of the output transistors




Similar Part No. - LB11697V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
More results


Similar Description - LB11697V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com