Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC79430KNE Datasheet (PDF) - ON Semiconductor

LC79430KNE Datasheet PDF - ON Semiconductor
Part # LC79430KNE
Download  LC79430KNE Download

File Size   120.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dot-Matrix LCD Drivers

LC79430KNE Datasheet (PDF)

Go To PDF Page Download Datasheet
LC79430KNE Datasheet PDF - ON Semiconductor

Part # LC79430KNE
Download  LC79430KNE Click to download

File Size   120.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dot-Matrix LCD Drivers

LC79430KNE Datasheet (HTML) - ON Semiconductor

LC79430KNE Datasheet HTML 1Page - ON Semiconductor LC79430KNE Datasheet HTML 2Page - ON Semiconductor LC79430KNE Datasheet HTML 3Page - ON Semiconductor LC79430KNE Datasheet HTML 4Page - ON Semiconductor LC79430KNE Datasheet HTML 5Page - ON Semiconductor LC79430KNE Datasheet HTML 6Page - ON Semiconductor LC79430KNE Datasheet HTML 7Page - ON Semiconductor

LC79430KNE Product details

Overview
The LC79430KNE is a large-scale dot matrix LCD common driver LSI. The LC79430KNE contains an 80-bit bidirectional shift register and is equipped with a 4-level LCD driver. The input/output pins for cascade connection can be used to further increase the IC’s number of bits. The LC79430KNE can be used in conjunction with segment driver LC79401KNE (QIP100E) to drive a wide-screen LCD panel.

Features
• On-chip LCD drive circuit (80 bits)
• Display duty selection ranging from 1/64 to 1/256
• On-chip input/output pins support a further increases in bit number
• Supports externally supplied bias voltage
• On-chip 80-bit bidirectional shift register (supports 40-bit × 2 division)
• Supports single mode (80-bit shift register) and dual mode (40-bit × 2 shift register) applications
   (1) O1 → O80   Single mode
   (2) O80 → O1
   (3) O1 → O40 and O41 → O80   Dual mode
   (4) O80 → O41 and O40 → O1
   All four of the shift direction selection listed above all supported
• Operating power supply voltage/operating temperature include
   VDD (Logic section) : 2.7 to 5.5V/-20 to +85°C
   VDD-VEE (LCD section) : 12 to 32V/-20 to +85°C
• CMOS process
• 100-pin flat plastic package (QIP100E)




Similar Part No. - LC79430KNE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
More results


Similar Description - LC79430KNE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com