Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1544 Datasheet (PDF) - Microsemi Corporation

SG1544 Datasheet PDF - Microsemi Corporation
Part # SG1544
Download  SG1544 Download

File Size   41.8 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LOW-VOLTAGE SUPERVISORY CIRCUIT

SG1544 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1544 Datasheet PDF - Microsemi Corporation

Part # SG1544
Download  SG1544 Click to download

File Size   41.8 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LOW-VOLTAGE SUPERVISORY CIRCUIT

SG1544 Datasheet (HTML) - Microsemi Corporation

SG1544 Datasheet HTML 1Page - Microsemi Corporation SG1544 Datasheet HTML 2Page - Microsemi Corporation SG1544 Datasheet HTML 3Page - Microsemi Corporation SG1544 Datasheet HTML 4Page - Microsemi Corporation

SG1544 Product details

DESCRIPTION
This device was designed to provide all the operational features of the SG1543/2543/3543 devices but with the added advantage of uncommitted inputs to the voltage sensing comparators. This allows monitoring of voltage levels less than 2.5 volts by dividing down the internal reference supply.

FEATURES
• Uncommitted comparator inputs for wide input flexibility
• Common-Mode range from zero to near supply voltage
• Reference voltage trimmed to 1% accuracy
• Over-voltage, under-voltage, and current sensing circuits all included
• SCR "Crowbar" drive of 300mA
• Programmable time delays
• Open-collector outputs and remote activation capability
• Total standby current less than 10mA

HIGH RELIABILITY FEATURES - SG1544
♦ Available to MIL-STD-883 and DESC SMD
♦ LMI level "S" processing available




Similar Part No. - SG1544

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544J MICROSEMI-SG1544J Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544J/883B MICROSEMI-SG1544J/883B Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544JDESC MICROSEMI-SG1544JDESC Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
More results


Similar Description - SG1544

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
   Highly Programmble Voltage Supervisory Circuit
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com