Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1612 Datasheet (PDF) - Microsemi Corporation

SM1612 Datasheet PDF - Microsemi Corporation
Part # SM1612
Download  SM1612 Download

File Size   105.43 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SM1612 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1612 Datasheet PDF - Microsemi Corporation

Part # SM1612
Download  SM1612 Click to download

File Size   105.43 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SM1612 Datasheet (HTML) - Microsemi Corporation

SM1612 Datasheet HTML 1Page - Microsemi Corporation SM1612 Datasheet HTML 2Page - Microsemi Corporation

SM1612 Product details

DESCRIPTION (300 watt)
This 16 pin 8 line Unidirectional or Bidirectional array is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 1000-4- 2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays have a peak power of 300 watts for an 8/20 msec pulse and are designed to protect 3.0/3.3 volt components such as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24 volts.

FEATURES
• Protects 3.0/3.3 up through 24V Components
• Protects 8 lines Unidirectional or Bidirectional
• Provides electrically isolated protection
• SO-16 Packaging




Similar Part No. - SM1612

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM1612 PROTEC-SM1612 Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1612 PROTEC-SM1612 Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1612 PROTEC-SM1612 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1612 PROTEC-SM1612 Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1612-LF-T7 PROTEC-SM1612-LF-T7 Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results


Similar Description - SM1612

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
   TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
   TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
   TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
   TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
   TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
   TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
   TVSarray Series
USB0403 MICROSEMI-USB0403 Datasheet
184Kb / 2P
   TVSarray ??Series
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
   TVSarray Series
USB50403 MICROSEMI-USB50403 Datasheet
68Kb / 2P
   TVSarray ??Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
   TVSarray Series
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com