Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6453AB Datasheet (PDF) - Nippon Precision Circuits Inc

SM6453AB Datasheet PDF - Nippon Precision Circuits Inc
Part # SM6453AB
Download  SM6453AB Download

File Size   146.42 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3-wire Serial Data Volume Control for Headphone Amplifiers IC

SM6453AB Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6453AB Datasheet PDF - Nippon Precision Circuits Inc

Part # SM6453AB
Download  SM6453AB Click to download

File Size   146.42 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3-wire Serial Data Volume Control for Headphone Amplifiers IC

SM6453AB Datasheet (HTML) - Nippon Precision Circuits Inc

Back Button SM6453AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button 

SM6453AB Product details

OVERVIEW
The SM6453AB is a stereo headphone amplifier IC with built-in electronic volume controlled by 3-wire serial data. Two switchable input systems are supported. It features bass boost function, automatic gain control (AGC) function, power-down function, and beep sound input/output function, making it ideal for use in portable electronic products.

FEATURES
■ 2 stereo system inputs, selectable 1 output system
■ Headphone amplifier function
    • +12dB to -68dB output voltage gain range (GCNT)
    • +12dB headphone amplifier gain (GHPA)
■ Attenuation function
    • 1.0dB step width, 81 steps, 0 to –80dB range (GEVR)
■ Mute function
■ Bass boost function (2 boost characteristics controlled by external RC network)
■ Auto gain control function (AGC)
■ Beep sound input/output circuit
■ 26mW+26mW maximum output power (1kHz, THD + N = 10%, 16Ω load, 2.0V supply voltage)
■ Power-down function
■ 1.8 to 3.6V operating supply voltage range
■ Low current consumption (2.3mA total, 2.4V supply voltage)
■ Silicon-gate CMOS process
■ 32-pin QFN package




Similar Part No. - SM6453AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6453AB NPC-SM6453AB Datasheet
354Kb / 19P
   3-wire Serial Data Volume Control for Headphone Amplifier IC
SM6453AB NPC-SM6453AB_02 Datasheet
354Kb / 19P
   3-wire Serial Data Volume Control for Headphone Amplifier IC
More results


Similar Description - SM6453AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6453AB NPC-SM6453AB_02 Datasheet
354Kb / 19P
   3-wire Serial Data Volume Control for Headphone Amplifier IC
logo
Shenzhen Huazhimei Semi...
HM5264 HMSEMI-HM5264 Datasheet
351Kb / 3P
   Headphone wire control IC
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
   3 wire serial sound control IC
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com