Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC814L Datasheet (PDF) - KODENSHI_AUK CORP.

KPC814L Datasheet PDF - KODENSHI_AUK CORP.
Part # KPC814L
Download  KPC814L Download

File Size   144.81 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)

KPC814L Datasheet (PDF)

Go To PDF Page Download Datasheet
KPC814L Datasheet PDF - KODENSHI_AUK CORP.

Part # KPC814L
Download  KPC814L Click to download

File Size   144.81 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)

KPC814L Datasheet (HTML) - KODENSHI_AUK CORP.

KPC814L Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC814L Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC814L Datasheet HTML 3Page - KODENSHI_AUK CORP.

KPC814L Product details

and a Silicon NPN Phototransistor per a channel. These Photocouplers consist of two Gallium Arsenide Infrared Emitting Diodes connected in a reverse-paralled configuration for AC-input
The KPC814L has one channel in a 4-pin DIP package.
The KPC824L has two channels in a 8-pin DIP package.
The KPC844L has four channels in a 16-pin DIP package.

FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.35V
• UL Recognized File No. E107486
• Current Transfer Ratio : 50% Min.(at IF=± 5mA, VCE=5V)
• Electrical Isolation Voltage : AC5000Vrms

APPLICATIONS
• AC Signal Input
• Vending Machine, Cordless Phone, Key Phone
• Programmable Logic Control
• Interface between two circuits of difference




Similar Part No. - KPC814L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Similar Description - KPC814L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com