Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        UPF01002(1)

Datasheet

    UPF01002 - 10 Gigabit/s Ethernet Transceiver with OC-192c Framer and XAUI Interface - Infineon Technologies AG

Click Here View UPF01002 Datasheet

Part No.UPF01002
Description 10 Gigabit/s Ethernet Transceiver with OC-192c Framer and XAUI Interface
Download UPF01002 Click here to View
File Size 165.53 Kbytes / 2 Pages
Maker INFINEON [Infineon Technologies AG]
Homepage http://www.infineon.com/

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
LTC2847Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface Linear Technology
CS19205CBI10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper Applied Micro Circuits Corporation
HDMP-1638Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs Agilent(Hewlett-Packard)
LM5072Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support National Semiconductor
LT13305V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown Linear Technology
UPF0101210 Gigabit/s Transceiver with XAUI Interface Infineon Technologies AG
COM90C66ARCNET Controller/Transceiver with AT Interface and On-Chip RAM SMSC Corporation
V23818-M305-B57SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC¢â Connector Infineon Technologies AG
MTD907Ethernet Encoder/decoder and 10BaseT Transceiver with Built-in Waveform Shaper ETC
LXT904Ethernet Interface Adapter with EnDec and AUI Level One

Link URL

Related keyword

  UPF01002 Datasheet   UPF01002 Cross Reference   UPF01002 Schematic   UPF01002 Distributor   UPF01002 Datenblatt   UPF01002 RoHS
  UPF01002 Equivalent   UPF01002 Application Notes   UPF01002 Data Sheet   UPF01002 component   UPF01002 Fiche Technique   UPF01002 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer