Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23838-M305-M56 Datasheet (PDF) - Infineon Technologies AG

V23838-M305-M56 Datasheet PDF - Infineon Technologies AG
Part # V23838-M305-M56
Download  V23838-M305-M56 Download

File Size   619.69 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector

V23838-M305-M56 Datasheet (PDF)

Go To PDF Page Download Datasheet
V23838-M305-M56 Datasheet PDF - Infineon Technologies AG

Part # V23838-M305-M56
Download  V23838-M305-M56 Click to download

File Size   619.69 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector

V23838-M305-M56 Datasheet (HTML) - Infineon Technologies AG

Back Button V23838-M305-M56 Datasheet HTML 1Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 2Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 3Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 4Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 5Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 6Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 7Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 8Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 9Page - Infineon Technologies AG V23838-M305-M56 Datasheet HTML 10Page - Infineon Technologies AG Next Button 



Similar Part No. - V23838-M305-M56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1 FRONTIER-V23838-S5-N1 Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
logo
Infineon Technologies A...
V23838-S5-N1-BB INFINEON-V23838-S5-N1-BB Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1-BB FRONTIER-V23838-S5-N1-BB Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
More results


Similar Description - V23838-M305-M56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23849-R35-C55 INFINEON-V23849-R35-C55 Datasheet
808Kb / 34P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com