Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1005 Datasheet (PDF) - Infineon Technologies AG

BF1005 Datasheet PDF - Infineon Technologies AG
Part # BF1005
Download  BF1005 Download

File Size   252.08 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon N-Channel MOSFET Tetrode

BF1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF1005 Datasheet PDF - Infineon Technologies AG

Part # BF1005
Download  BF1005 Click to download

File Size   252.08 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon N-Channel MOSFET Tetrode

BF1005 Datasheet (HTML) - Infineon Technologies AG

BF1005 Datasheet HTML 1Page - Infineon Technologies AG BF1005 Datasheet HTML 2Page - Infineon Technologies AG BF1005 Datasheet HTML 3Page - Infineon Technologies AG BF1005 Datasheet HTML 4Page - Infineon Technologies AG BF1005 Datasheet HTML 5Page - Infineon Technologies AG

BF1005 Product details

Silicon N-Channel MOSFET Tetrode



•For low noise, high gain controlled input stages up to 1 GHz

•Operating voltage 5V

•Integrated biasing network

•Pb-free (RoHS compliant) package1)

•Qualified according AEC Q101




Similar Part No. - BF1005

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF1005 SIEMENS-BF1005 Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
logo
Infineon Technologies A...
BF1005 INFINEON-BF1005 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1005R INFINEON-BF1005R Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
logo
Siemens Semiconductor G...
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
logo
Infineon Technologies A...
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
More results


Similar Description - BF1005

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com