Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS712N1 Datasheet (PDF) - Infineon Technologies AG

BTS712N1 Datasheet PDF - Infineon Technologies AG
Part # BTS712N1
Download  BTS712N1 Download

File Size   360.32 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Four Channel Highside Power Switch

BTS712N1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS712N1 Datasheet PDF - Infineon Technologies AG

Part # BTS712N1
Download  BTS712N1 Click to download

File Size   360.32 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Four Channel Highside Power Switch

BTS712N1 Datasheet (HTML) - Infineon Technologies AG

Back Button BTS712N1 Datasheet HTML 1Page - Infineon Technologies AG BTS712N1 Datasheet HTML 2Page - Infineon Technologies AG BTS712N1 Datasheet HTML 3Page - Infineon Technologies AG BTS712N1 Datasheet HTML 4Page - Infineon Technologies AG BTS712N1 Datasheet HTML 5Page - Infineon Technologies AG BTS712N1 Datasheet HTML 6Page - Infineon Technologies AG BTS712N1 Datasheet HTML 7Page - Infineon Technologies AG BTS712N1 Datasheet HTML 8Page - Infineon Technologies AG BTS712N1 Datasheet HTML 9Page - Infineon Technologies AG BTS712N1 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

BTS712N1 Product details

General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS® technology.
Providing embedded protective functions.

Features
• Overload protection
• Current limitation
• Short-circuit protection
• Thermal shutdown
• Overvoltage protection (including load dump)
• Fast demagnetization of inductive loads
• Reverse battery protection1)
• Undervoltage and overvoltage shutdown with auto-restart and hysteresis
• Open drain diagnostic output
• Open load detection in OFF-state
• CMOS compatible input
• Loss of ground and loss of Vbb protection
• Electrostatic discharge (ESD) protection

Application
• µC compatible power switch with diagnostic feedback for 12 V and 24 V DC grounded loads
• All types of resistive, inductive and capacitive loads
• Replaces electromechanical relays and discrete circuits




Similar Part No. - BTS712N1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
BTS712N1 INFINEON-BTS712N1_10 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
More results


Similar Description - BTS712N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1_10 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
BTS721L1 INFINEON-BTS721L1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com