Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007S Datasheet (PDF) - Shunye Enterprise

1N4007S Datasheet PDF - Shunye Enterprise
Part # 1N4007S
Download  1N4007S Download

File Size   233.06 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description GENERAL PURPOSE SILICON RECTIFIER

1N4007S Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4007S Datasheet PDF - Shunye Enterprise

Part # 1N4007S
Download  1N4007S Click to download

File Size   233.06 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description GENERAL PURPOSE SILICON RECTIFIER

1N4007S Datasheet (HTML) - Shunye Enterprise

1N4007S Datasheet HTML 1Page - Shunye Enterprise 1N4007S Datasheet HTML 2Page - Shunye Enterprise

1N4007S Product details

Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere

FEATURES
◆ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
◆ Construction utilizes void-free
   molded plastic technique
◆ Low reverse leakage
◆ High forward surge current capability
◆ High temperature soldering guaranteed:
   250 °C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - 1N4007S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4007S DIOTEC-1N4007S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4007S PANJIT-1N4007S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotech Company.
1N4007S DIOTECH-1N4007S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4007S CTC-1N4007S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
First Silicon Co., Ltd
1N4007S FS-1N4007S Datasheet
597Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results


Similar Description - 1N4007S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Changzhou Shunye Electr...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com