Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMB2208 Datasheet (PDF) - Infineon Technologies AG

PMB2208 Datasheet PDF - Infineon Technologies AG
Part # PMB2208
Download  PMB2208 Download

File Size   766.66 Kbytes
Page   27 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Mixer and IF Vector Modulator

PMB2208 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2208 Datasheet PDF - Infineon Technologies AG

Part # PMB2208
Download  PMB2208 Click to download

File Size   766.66 Kbytes
Page   27 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Mixer and IF Vector Modulator

PMB2208 Datasheet (HTML) - Infineon Technologies AG

Back Button PMB2208 Datasheet HTML 1Page - Infineon Technologies AG PMB2208 Datasheet HTML 2Page - Infineon Technologies AG PMB2208 Datasheet HTML 3Page - Infineon Technologies AG PMB2208 Datasheet HTML 4Page - Infineon Technologies AG PMB2208 Datasheet HTML 5Page - Infineon Technologies AG PMB2208 Datasheet HTML 6Page - Infineon Technologies AG PMB2208 Datasheet HTML 7Page - Infineon Technologies AG PMB2208 Datasheet HTML 8Page - Infineon Technologies AG PMB2208 Datasheet HTML 9Page - Infineon Technologies AG PMB2208 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

PMB2208 Product details

General Description
The PMB 2208 contains a direct quadrature modulator and an up/down conversion mixer with corresponding bias circuitry.

Features
■ Direct quadrature modulator and up/down-conversion mixer on one chip
■ Modulator:
    - LO input frequency range from 200MHz to 550MHz corresponds to an output frequency range from 100MHz to 275MHz
    - Generation of orthogonal carriers without external elements and without trimming
    - typ. 48dB carrier suppression with 1Vpp baseband level
    - typ. 49dB SSB suppression with 1Vpp baseband level
    - typ. 51dB rejection of third-order intermodulation products with 1Vpp baseband level
    - Low output noise floor
■ Mixer:
    - Double-balanced Gilbert cell
    - RF and IF frequency range from DC to 2.5GHz
    - typ 39dB carrier suppression
    - Low noise
■ Supply voltage range from 2.7 to 4.5V
■ Power-down mode
■ Temperature range -30 to 85°C

Application
■ Vector-modulated digital mobile cellular systems, such as GSM, PDC-800, PDC-1.5, PHS, DAMPS, DCS1800, WLAN, etc.
■ Various modulation schemes, such as PM, PSK, FSK, QAM, QPSK, GMSK, etc.
■ Analog systems with FM and AM modulation
■ Space- and power-saving optimizations of existing discrete transmitter circuits




Similar Part No. - PMB2208

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2200 SIEMENS-PMB2200 Datasheet
79Kb / 3P
   integrated modulator-mixer for transmit path
PMB2201 SIEMENS-PMB2201 Datasheet
339Kb / 31P
   Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
More results


Similar Description - PMB2208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
logo
Siemens Semiconductor G...
PMB2201 SIEMENS-PMB2201 Datasheet
339Kb / 31P
   Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
VMM-2D-2.5B MERRIMAC-VMM-2D-2.5B Datasheet
702Kb / 1P
   VECTOR I&Q MODULATOR
logo
Analog Devices
ADL5390 AD-ADL5390 Datasheet
716Kb / 24P
   RF/IF Vector Multiplier
REV. 0
ADL5390 AD-ADL5390_15 Datasheet
733Kb / 24P
   RF/IF Vector Multiplier
REV. 0
ADL5390 AD-ADL5390_V01 Datasheet
681Kb / 23P
   RF/IF Vector Multiplier
Rev. A
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com