![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
08090 - LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz - Infineon Technologies AG |
|
Click Here View 08090 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PTF080451 | LDMOS RF Power Field Effect Transistor 45 W 869-960 MHz | Infineon Technologies AG |
| PTF191601 | LDMOS RF Power Field Effect Transistor 160 W 1930-1990 MHz | Infineon Technologies AG |
| MAPLST0810-045CF | RF Power Field Effect Transistor LDMOS 865 - 960 MHz 45W 26V | Tyco Electronics |
| PTF210301 | LDMOS RF Power Field Effect Transistor 30 W 2110-2170 MHz | Infineon Technologies AG |
| MAPLST0810-090CF | RF Power Field Effect Transistor LDMOS 865 - 960 MHz 90W 26V | Tyco Electronics |
| PTF210451 | LDMOS RF Power Field Effect Transistor 45 W 2110-2170 MHz | Infineon Technologies AG |
| MAPLST0822-002PP | RF Power Field Effect Transistor LDMOS 800-2200 MHz 2W 28V | Tyco Electronics |
| PTF210901 | LDMOS RF Power Field Effect Transistor 90 W 2110-2170 MHz | Infineon Technologies AG |
| MAPLST1617-030CF | RF Power Field Effect Transistor LDMOS 1600 - 1700 MHz 30W 28V | Tyco Electronics |
| PTF211301 | LDMOS RF Power Field Effect Transistor 130 W 2110-2170 MHz | Infineon Technologies AG |
Link URL |
|
|
Related keyword |
| 08090 Datasheet | 08090 Cross Reference | 08090 Schematic | 08090 Distributor | 08090 Datenblatt | 08090 RoHS |
| 08090 Equivalent | 08090 Application Notes | 08090 Data Sheet | 08090 component | 08090 Fiche Technique | 08090 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |