Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN612MRG Datasheet (PDF) - Kersemi Electronic Co., Ltd.

TYN612MRG Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # TYN612MRG
Download  TYN612MRG Download

File Size   458.41 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 12 A SCR

TYN612MRG Datasheet (PDF)

Go To PDF Page Download Datasheet
TYN612MRG Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # TYN612MRG
Download  TYN612MRG Click to download

File Size   458.41 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 12 A SCR

TYN612MRG Datasheet (HTML) - Kersemi Electronic Co., Ltd.

TYN612MRG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TYN612MRG Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.



Similar Part No. - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
108Kb / 8P
   12 A SCR
More results


Similar Description - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M_07 Datasheet
108Kb / 8P
   12 A SCR
logo
Kersemi Electronic Co.,...
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com