Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE7736 Datasheet (PDF) - Infineon Technologies AG

SLE7736 Datasheet PDF - Infineon Technologies AG
Part # SLE7736
Download  SLE7736 Download

File Size   157.69 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE7736 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLE7736 Datasheet PDF - Infineon Technologies AG

Part # SLE7736
Download  SLE7736 Click to download

File Size   157.69 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE7736 Datasheet (HTML) - Infineon Technologies AG

SLE7736 Datasheet HTML 1Page - Infineon Technologies AG SLE7736 Datasheet HTML 2Page - Infineon Technologies AG SLE7736 Datasheet HTML 3Page - Infineon Technologies AG SLE7736 Datasheet HTML 4Page - Infineon Technologies AG SLE7736 Datasheet HTML 5Page - Infineon Technologies AG SLE7736 Datasheet HTML 6Page - Infineon Technologies AG SLE7736 Datasheet HTML 7Page - Infineon Technologies AG SLE7736 Datasheet HTML 8Page - Infineon Technologies AG

SLE7736 Product details

• Member of Eurochip Family
100% functional compatibility to SLE 5536S/36SE with
focus on state of the art security features
• 221 bit EEPROM and 16 bit mask-programmable ROM
104 bit user memory
–64 bit Identification Area consisting of
• 16 bit Manufacturer code (mask-programmable ROM)
• SLE 7736:
8 bit Manufacturer data, card issuer dependent (ROM)
40 bit for personalization data of card issuer (PROM)
• SLE 7736E:
48 bit for personalization data of card issuer (PROM)
–40 bit Counter Area including 1 bit for personalization (PROM/EEPROM)
133 bit additional memory for advanced features (PROM/EEPROM)
– 4 bit Counter Backup (anti-tearing flags)
– 1 bit initiation flag for Authentication Key 2
–16 bit Data Area 1 for free user access
–48 bit Authentication Key 1
–either 48 bit Data Area 2 for user defined data
or 48 bit Authentication Key 2
–16 bit Data Area 3 for free user access
• Counter with up to 33352 count units
– Five stage abacus counter
– Due to testing purposes a maximum of 21064 count units is guaranteed
• Counter tearing protection
– Backup feature activated at choice
Counter tearing protection may be disabled by mask option
• High security authentication unit
Individual card authentication fully compatible with Eurochip Family
– Random number as challenge
– Individual secret Authentication Key 1
– Optional individual secret Authentication Key 2
– Calculation of up to 16 bit response
– Calculation of a 16 bit response within 30 ms at a clock frequency of 100 kHz
Additionally activation by terminal
– Response calculation with cipher block chaining
– Certification of the counter value
• Card-Trash mechanism for physical devaluation
• Transport Code protection for delivery
Features (cont’d)
• Chip circuitry and chip layout optimised for high security against physical and electrical
signal analysis
Advanced 1.2 µm CMOS-technology (IMEM) optimised for security layout
• Exclusive use of EEPROM security cells
• Secure wiring for all security relevant signals
• Shielding of deeper layers via metal
• Sophisticated sensory and logical security functions
• No isolation on backside necessary
Sophisticated electrical characteristics
• Ambient temperature –40 … +80°C
• Supply voltage 5 V ± 10 % (Class A), extension to 3 V ± 10% (Class B)
• Supply current < 1 mA (typical 300 µA)
• EEPROM programming time 5 ms
• ESD protection typical 4000 V
• Endurance minimum 105
write/erase cycles / bit1)
• Data retention for minimum of 30 years1)
• Contact configuration and Answer-to-Reset (synchronous transmission) in accordance to
standard ISO/IEC 7816
Document References
― Confidential data sheet
― Qualification report chip
― Chip delivery specification for wafer with chip-layout (die size, orientation, …)
― Module specification containing description of package, product logistic etc.
― Quality report module
― Application Note for use of Card-Trash mechanism
Development Tool Overview
― Evaluation Kit Memories




Similar Part No. - SLE7736

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE76CF1M0P INFINEON-SLE76CF1M0P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M2P INFINEON-SLE76CF1M2P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M50P INFINEON-SLE76CF1M50P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M52P INFINEON-SLE76CF1M52P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF2360P INFINEON-SLE76CF2360P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
More results


Similar Description - SLE7736

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com