Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS33003-M008QFNR Datasheet (PDF) - Semtech Corporation

TS33003-M008QFNR Datasheet PDF - Semtech Corporation
Part # TS33003-M008QFNR
Download  TS33003-M008QFNR Download

File Size   345.55 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz

TS33003-M008QFNR Datasheet (PDF)

Go To PDF Page Download Datasheet
TS33003-M008QFNR Datasheet PDF - Semtech Corporation

Part # TS33003-M008QFNR
Download  TS33003-M008QFNR Click to download

File Size   345.55 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz

TS33003-M008QFNR Datasheet (HTML) - Semtech Corporation

Back Button TS33003-M008QFNR Datasheet HTML 1Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 9Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 10Page - Semtech Corporation Next Button 

TS33003-M008QFNR Product details

Features
• Fixed Output option has automatic low power PFM mode
for reduced quiescent current at light loads
• 5MHz +/- 10% fixed switching frequency
• Fixed output voltages: 0.8V, 0.9V, 1.2V, 1.5V, 1.8V,
• 2.5V, and 3.3V with +/- 2% output tolerance
• Input voltage range: 2.5V to 5.5V
• Voltage mode PWM control with input voltage feed-
• Forward compensation
• Voltage supervisor for VOUT reported at the PG pin
• Input supply under voltage lockout
• Soft start for controlled startup with no overshoot
• Full protection for over-current, over-temperature,
• and VOUT overvoltage
• Less than 200nA in shutdown mode
• Multiple enable pins for flexible system sequencing
• Low external component count
• Junction operating temperature -40C to 125C
• Packaged in a 16 pin QFN (3x3)

Applications
• Point of load
• Systems with deep submicron ASICs/FPGAs
• Set-top box
• Communications equipment
• Portable and handheld equipment

Description
The TS33001/2/3 (1/2/3A) are DC/DC synchronous switching
regulators with fully integrated power switches, internal
compensation, and full fault protection. The switching
frequency of 5MHz enables the use of extremely small filter
components, resulting in smaller board space and reduced
BOM costs.
When the input current is greater than approximately 50mA,
the TS33001/2/3 utilizes PWM voltage mode feedback with input
voltage feed-forward to provide a wide input voltage range
without the need for external compensation.
When the input current is less than 50mA, the device uses a
PFM mode to provide increased efficiency at light loads. The
cross over between PFM mode and PWM is automatic and
has hysteresis to prevent oscillation between the modes.
Additionally, the nLP mode pin can be used to force the device
into PWM mode to reduce the output ripple, if needed.
The TS33001/2/3 integrates a wide range of protection circuitry;
including input supply under-voltage lockout, output undervoltage, output over-voltage, soft start, high side FET and low side
FET current limits, and thermal shutdown.




Similar Part No. - TS33003-M008QFNR

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Similar Description - TS33003-M008QFNR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com