Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA162 Datasheet (PDF) - ATMEL Corporation

ATMEGA162 Datasheet PDF - ATMEL Corporation
Part # ATMEGA162
Download  ATMEGA162 Download

File Size   4090.21 Kbytes
Page   323 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash

ATMEGA162 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA162 Datasheet PDF - ATMEL Corporation

Part # ATMEGA162
Download  ATMEGA162 Click to download

File Size   4090.21 Kbytes
Page   323 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash

ATMEGA162 Datasheet (HTML) - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 1Page - ATMEL Corporation ATMEGA162 Datasheet HTML 2Page - ATMEL Corporation ATMEGA162 Datasheet HTML 3Page - ATMEL Corporation ATMEGA162 Datasheet HTML 4Page - ATMEL Corporation ATMEGA162 Datasheet HTML 5Page - ATMEL Corporation ATMEGA162 Datasheet HTML 6Page - ATMEL Corporation ATMEGA162 Datasheet HTML 7Page - ATMEL Corporation ATMEGA162 Datasheet HTML 8Page - ATMEL Corporation ATMEGA162 Datasheet HTML 9Page - ATMEL Corporation ATMEGA162 Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATMEGA162 Product details

Overview

The ATmega162 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega162 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• High-performance, Low-power AVR® 8-bit Microcontroller

• Advanced RISC Architecture

   – 131 Powerful Instructions – Most Single-clock Cycle Execution

   – 32 x 8 General Purpose Working Registers

   – Fully Static Operation

   – Up to 16 MIPS Throughput at 16 MHz

   – On-chip 2-cycle Multiplier

• High Endurance Non-volatile Memory segments

   – 16K Bytes of In-System Self-programmable Flash program memory

   – 512 Bytes EEPROM

   – 1K Bytes Internal SRAM

   – Write/Erase cycles: 10,000 Flash/100,000 EEPROM

   – Data retention: 20 years at 85°C/100 years at 25°C(1)

   – Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation

   – Up to 64K Bytes Optional External Memory Space

   – Programming Lock for Software Security

• JTAG (IEEE std. 1149.1 Compliant) Interface

   – Boundary-scan Capabilities According to the JTAG Standard

   – Extensive On-chip Debug Support

   – Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface

• Peripheral Features

   – Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes

   – Two 16-bit Timer/Counters with Separate Prescalers, Compare Modes, and Capture Modes

   – Real Time Counter with Separate Oscillator

   – Six PWM Channels

   – Dual Programmable Serial USARTs

   – Master/Slave SPI Serial Interface

   – Programmable Watchdog Timer with Separate On-chip Oscillator

   – On-chip Analog Comparator

• Special Microcontroller Features

   – Power-on Reset and Programmable Brown-out Detection

   – Internal Calibrated RC Oscillator

   – External and Internal Interrupt Sources

   – Five Sleep Modes: Idle, Power-save, Power-down, Standby, and Extended Standby

• I/O and Packages

   – 35 Programmable I/O Lines

   – 40-pin PDIP, 44-lead TQFP, and 44-pad MLF

• Operating Voltages

   – 1.8 - 5.5V for ATmega162V

   – 2.7 - 5.5V for ATmega162

• Speed Grades

   – 0 - 8 MHz for ATmega162V (see Figure 113 on page 266)

   – 0 - 16 MHz for ATmega162 (see Figure 114 on page 266)



 




Similar Part No. - ATMEGA162

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA162 ATMEL-ATMEGA162 Datasheet
231Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162 Datasheet
590Kb / 22P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162 ATMEL-ATmega162 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162 Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
More results


Similar Description - ATMEGA162

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87 ATMEL-ATTINY87_14 Datasheet
7Mb / 261P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A_14 Datasheet
521Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System
ATTINY88 ATMEL-ATTINY88_14 Datasheet
6Mb / 302P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY828 ATMEL-ATTINY828 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY441 ATMEL-ATTINY441_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATTINY841 ATMEL-ATTINY841_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATMEGA165 ATMEL-ATMEGA165 Datasheet
169Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_08 Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com