Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30127 Datasheet (PDF) - NTE Electronics

NTE30127 Datasheet PDF - NTE Electronics
Part # NTE30127
Download  NTE30127 Download

File Size   70.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicator Turquoise, 5mm

NTE30127 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE30127 Datasheet PDF - NTE Electronics

Part # NTE30127
Download  NTE30127 Click to download

File Size   70.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicator Turquoise, 5mm

NTE30127 Datasheet (HTML) - NTE Electronics

NTE30127 Datasheet HTML 1Page - NTE Electronics NTE30127 Datasheet HTML 2Page - NTE Electronics



Similar Part No. - NTE30127

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
NTE30120 NTE-NTE30120 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 3mm
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
NTE30122 NTE-NTE30122 Datasheet
63Kb / 2P
   LED Indicator Ultraviolet, 5mm
NTE30123 NTE-NTE30123 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 8mm
More results


Similar Description - NTE30127

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16E-WCG04Z P-TEC-PL16E-WCG04Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
PL16C-WCG01Z P-TEC-PL16C-WCG01Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
PL16C-WCG14Z P-TEC-PL16C-WCG14Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
PL16B-WCG04 P-TEC-PL16B-WCG04 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
logo
P-tec Corporation
PL16F-WCG01Z P-TEC-PL16F-WCG01Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
logo
NTE Electronics
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
   Super Bright LED Indicator Ultra Bright Pink, 5mm
logo
P-tec Corporation
PL16B-WCT04 P-TEC-PL16B-WCT04 Datasheet
435Kb / 1P
   PL16 Series 5mm Ultra Bright Turquoise LED
PL16B-WCG04 P-TEC-PL16B-WCG04 Datasheet
30Kb / 1P
   5MM (T1 3/4) Ultra Bright Turquoise LED
PL16C-WCG01Z P-TEC-PL16C-WCG01Z Datasheet
30Kb / 1P
   5MM T1 3/4 Ultra Bright Turquoise LED
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com